Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM7969 Datasheet HTML 1Page - Advanced Micro Devices AM7969 Datasheet HTML 2Page - Advanced Micro Devices AM7969 Datasheet HTML 3Page - Advanced Micro Devices AM7969 Datasheet HTML 4Page - Advanced Micro Devices AM7969 Datasheet HTML 5Page - Advanced Micro Devices AM7969 Datasheet HTML 6Page - Advanced Micro Devices AM7969 Datasheet HTML 7Page - Advanced Micro Devices AM7969 Datasheet HTML 8Page - Advanced Micro Devices AM7969 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
Publication# 07370
Rev. F
Amendment /0
Issue Date: April 1994
Advanced
Micro
Devices
Am7968/Am7969
TAXIchip
TM Integrated Circuits
(Transparent Asynchronous Xmitter-Receiver Interface)
FINAL
DISTINCTIVE CHARACTERISTICS
s
Parallel TTL bus interface
— Eight Data and four Command Pins
— or nine Data and three Command Pins
— or ten Data and two Command Pins
s
Transparent synchronous serial link
— +5 V ECL Serial I/O
— AC or DC coupled
— NRZI 4B/5B, 5B/6B encoding/decoding
s
Drive coaxial cable or twisted pair directly
s
Easy interface with fiber optic data links
s
32–140 Mbps (4–17.5 Mbyte/s) data
throughput
s
Asynchronous input using STRB/ACK
s
Automatic MUX/DEMUX of Data and Command
s
Complete on-chip PLL, Crystal Oscillator
s
Single +5 V supply operation
s
28-pin PLCC or DIP or LCC
GENERAL DESCRIPTION
The Am7968 TAXIchip Transmitter and Am7969
TAXIchip Receiver Chipset is a general-purpose inter-
face for very high-speed (4–17.5 Mbyte/s, 40–175
Mbaud serially) point-to-point communications over co-
axial or fiber-optic media. The TAXIchip set emulates a
pseudo-parallel register. They load data into one side
and output it on the other, except in this case, the “other”
side is separated by a long serial link.
The speed of a TAXIchip system is adjustable over a
range of frequencies, with parallel bus transfer rates of
4 Mbyte/s at the low end, and up to 17.5 Mbyte/s at the
high end. The flexible bus interface scheme of the
TAXIchip set accepts bytes that are either 8, 9, or
10 bits wide. Byte transfers can be Data or Command
signaling.
BLOCK DIAGRAM
Am7968
Note:
N can be 8, 9, or 10 bits; total of N + M = 12.
07370F-1
Strobe (STRB)
Acknowledge (ACK
Clock (CLK)
Data Mode Select (DMS)
Test Serial In
(TSERIN)
Test/Local Select (TLS)
Strobe &
Acknowledge
Oscillator
and
Clock Gen.
Serial Interface
Shifter
Data Encoder
Encoder Latch
Input Latch
Media
Interface
(SEROUT+) Serial Out +
(SEROUT–) Serial Out –
Data
Command
NM
X1
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com