Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 73Page - Advanced Micro Devices AM7969 Datasheet HTML 74Page - Advanced Micro Devices AM7969 Datasheet HTML 75Page - Advanced Micro Devices AM7969 Datasheet HTML 76Page - Advanced Micro Devices AM7969 Datasheet HTML 77Page - Advanced Micro Devices AM7969 Datasheet HTML 78Page - Advanced Micro Devices AM7969 Datasheet HTML 79Page - Advanced Micro Devices AM7969 Datasheet HTML 80Page - Advanced Micro Devices AM7969 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
AMD
73
TAXIchip Integrated Circuits Technical Manual
8. When terminating serial lines to or from the TAXls ensure that the Vcc rail or ground
tap is not at a noisy location. Resistors can couple noise from a power supply rail into
the Serial lines. Vcc to Ground decoupling adjacent to the resistors is recommended
when using pullup/pulldown terminating resistor setups as shown in Figure 6-4.
When using only a pulldown, do not use decoupling as this could add more Vcc noise
into the serial signals.
Figure 6-4
Decoupling Terminations
12330E-21
R1
TAXI
TX
RE
RE
+5 V
TAXI
RX
R2
R1
+
–
+
–
+5 V
R2
No Decoupling
Capacitor Required
Decoupling
Capacitor
GND
6.2 Layout using Fiber Optic Data Links
Because of their small signals levels, fiber optic data links require some care in layout.
Fiber optic data Link receivers consist of a photo sensitive diode and an amplifier. The
photo-diode converts light pulses into currents of around a few hundred nano-amps.
This signal current is then amplified and translated into an ECL signal.
TAXI Receivers and most digital chips switch hundreds of milliamps. If switching noise
from the digital section of the board gets coupled into the optical data link, the signal
from the light pulse data can be corrupted. To prevent the coupling of the optical data
link output with other digital signals, the user must ensure that small signal and digital
switching currents do not flow in the same path. This is done by separating both the
optical VCC plane and the optical ground plane from the VCC and Ground planes used by
other digital circuitry. See Figure 6-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com