Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 92Page - Advanced Micro Devices AM7969 Datasheet HTML 93Page - Advanced Micro Devices AM7969 Datasheet HTML 94Page - Advanced Micro Devices AM7969 Datasheet HTML 95Page - Advanced Micro Devices AM7969 Datasheet HTML 96Page - Advanced Micro Devices AM7969 Datasheet HTML 97Page - Advanced Micro Devices AM7969 Datasheet HTML 98Page - Advanced Micro Devices AM7969 Datasheet HTML 99Page - Advanced Micro Devices AM7969 Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 127 page
background image
AMD
92
TAXIchip Integrated Circuit Technical Manual
For example, consider transmitting Hex
B [1011], encoded as 10111. Error E occurs
changes bits b0 & b1, resulting in encoded pattern 10100, which is Hex 2 [0010]
2 bits changed, and the run length the error = 4 bits,
1 0 1 1
0 0 1 0
becomes
2 bits changed, and the run length
the error = 4 bits,
A double bit error can change valid data into a Violation, a valid Command byte, a 1-bit,
2-bit, 3-bit,or 4-bit data error. A summary of the occurrence of these errors for the six
error locations for 4B/5B encoding is summarized below in Table B1.
Table B-1
Error Type
ABCD
E
F
V=5
V=5
V=5
V=3
V=3
V=1
C=5
C=3
C=5
C=3
C=5
C=1
1B=4
1B=0
1B=2
1B=4
1B=0
1B=14
2B=2
2B=8
2B=4
2B=6
2B=6
2B=0
3B=0
3B=0
3B=0
3B=0
3B=0
3B=0
4B=0
4B=0
4B=0
4B=0
4B=2
4B=0
Table B-2
Similar reasoning for the 5B/6B encoding scheme results in seven possible error
locations, and the summary of the occurrence of these errors is listed below:
ABCD
E
F
G
V=13
V=16
V=12
V=6
V=9
V=10
V=5
C=3
C=2
C=2
C=4
C=3
C=4
C=3
1B=10
1B=0
1B=0
1B=0
1B=8
1B=2
1B=22
2B=6
2B=14
2B=12
2B=14
2B=12
2B=12
2B=2
3B=0
3B=0
3B=4
3B=6
3B=0
3B=0
3B=0
4B=0
4B=0
4B=2
4B=2
4B=0
4B=4
4B=0
Utilizing this information one can determine the efficiency of the violation logic in the
TAXI Receiver. Figure B2 summarizes the violation effectiveness, as well as depicting
the number of bits in error in the undetected corrupted data. This information can be
extremely useful in determining what, if any, additional error detection schemes should
be implemented. Figure B3 graphically represents the run length of the corrupted data
for the undetected errors. As shown in this figure, there are a small percentage of
unlimited run length errors. This is due to the few data patterns, which, when corrupted
will cause a false Sync pattern to be generated. This pattern will cause a running error
which will continue until the next valid Sync realigns the byte edge to its proper position.
While these
false Syncs occur very rarely, these are the most dangerous errors in a
TAXI system, this very well may dictate the maximum user
packet size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com