Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 91Page - Advanced Micro Devices AM7969 Datasheet HTML 92Page - Advanced Micro Devices AM7969 Datasheet HTML 93Page - Advanced Micro Devices AM7969 Datasheet HTML 94Page - Advanced Micro Devices AM7969 Datasheet HTML 95Page - Advanced Micro Devices AM7969 Datasheet HTML 96Page - Advanced Micro Devices AM7969 Datasheet HTML 97Page - Advanced Micro Devices AM7969 Datasheet HTML 98Page - Advanced Micro Devices AM7969 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 127 page
background image
91
TAXIchip Integrated Circuit Technical Manual
APPENDIX B
Error Detection Efficiency
When a received data pattern does not represent a valid coding symbol, the TAXI
Receiver asserts the
VLTN pin to indicate that the current data contains an error.
The Receiver cannot detect the occurrence of a bit error that transforms one valid
symbol into another valid but incorrect symbol. This means that the transition error can
change a valid data symbol into a different valid data symbol, or in certain cases a valid
Command symbol and not be flagged by the Violation pin.
A single noise event on the serial link can cause at a minimum a double bit error. Single
bit errors are assumed to be impossible (or at least rare) because NRZI encoding would
require that the voltage level on the link be inverted after the event. There is no known
error mechanism external to the TAXIchip set which could cause this condition. Having
confirmed that all errors are at least 2 bits wide, let us examine the location at which
these errors can exist.
Consider the 4B/5B encoded data pattern for the TAXIchip set in the 8-bit mode. The
output corresponds to two five bit nibbles for each eight bit data byte. Shown below are
four nibbles, or two bytes of encoded data output, with six possible locations for double
bit errors within nibble 1 of Byte 2.
Figure B-1
b9
b8
b7 b6
b5
b4
b3
b2 b1
b0
b9
b8
b7 b6
b5
b4
b3
b2 b1
b0
Byte 2
Byte 1
Nibble 2
Nibble 1
Nibble 2
Nibble 1
MSB
LSB MSB
LSB MSB
LSB MSB
LSB
A
B
C
D
E
F
Notes:
Error location A corresponds to a double bit error occurring in the Least Significant Bit of nibble 2 and the
Most Significant Bit of nibble 1.
Error locations B, C, D and E occur within the nibble between adjacent bits, and,
Error location F occurs between the LSB of nibble 1 (Byte 2) and the MSB of nibble 2 (Byte 1).
12330E-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com