Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 71Page - Advanced Micro Devices AM7969 Datasheet HTML 72Page - Advanced Micro Devices AM7969 Datasheet HTML 73Page - Advanced Micro Devices AM7969 Datasheet HTML 74Page - Advanced Micro Devices AM7969 Datasheet HTML 75Page - Advanced Micro Devices AM7969 Datasheet HTML 76Page - Advanced Micro Devices AM7969 Datasheet HTML 77Page - Advanced Micro Devices AM7969 Datasheet HTML 78Page - Advanced Micro Devices AM7969 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 127 page
background image
AMD
71
TAXIchip Integrated Circuits Technical Manual
Sample Values
Using IBM Type 1 STP 150
Ω shielded twisted pair cable, a successful TAXI link was
established using the following component values:
R1 = 101
Ω
R2 = 291
Ω
R3 = 300
Ω
C
= 0.1
µF
6.0 BOARD LAYOUT CONSIDERATIONS
While the TAXIchip devices are digital in application, they are essentially analog parts,
containing high frequency analog Phase Locked Loops. Reliable operation in a high
frequency analog and digital environment requires that some simple board layout rules
be followed.
For example, most TAXI applications which are laid out on a wire wrap board will not
work reliably. Because they have at most one power and ground plane, most wirewrap
cards have insufficient separation between small signal current and digital switching
current. Digital switching noise can couple into the analog PLL, causing phase errors
and loss of synchronization. The preferred realization of a TAXI application is on a
printed circuit board, where the user can control the layout of power and ground planes.
6.1 Printed Circuit Board Layout
6.1.1 Rules for Layout
The following rules should be followed to ensure minimal noise coupling:
1. Use a PC board with separate GND and VCC planes.
2. Use two capacitors which differ by at least a factor of ten in value to decouple the
devices. The reactance of large capacitors has a significant inductive component at
high frequencies. Because of this inductive component, a single large capacitor is not
very effective against high frequency noise. Two capacitors, one typically of 1
µF and
one of 0.1
µF are more efficient at decoupling than a single large capacitor of 1.1 µF.
The recommended layout is as shown in Figure 6-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com