Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 85Page - Advanced Micro Devices AM7969 Datasheet HTML 86Page - Advanced Micro Devices AM7969 Datasheet HTML 87Page - Advanced Micro Devices AM7969 Datasheet HTML 88Page - Advanced Micro Devices AM7969 Datasheet HTML 89Page - Advanced Micro Devices AM7969 Datasheet HTML 90Page - Advanced Micro Devices AM7969 Datasheet HTML 91Page - Advanced Micro Devices AM7969 Datasheet HTML 92Page - Advanced Micro Devices AM7969 Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
AMD
85
TAXIchip Integrated Circuits Technical Manual
output data at the same time This also guarantees that the CNB on the first Receiver
goes active (HIGH) within 2 gate delays + 20 ns after it goes LOW. This leaves enough
time for the first Receiver to capture the (R+1)th byte of data.
Figure 7-10
TAXI Receiver—Cascaded In Auto-Repeat Configuration.
Configuration 2
12330E-32
CNB
IGM
CNB
IGM
CNB
IGM
CNB
IGM
SERIN +
SERIN -
Figure 7-11
TAXI Receiver—Cascaded in Auto-Repeat Configuration.
Configuration 3
SERIN+
SERIN–
CNB
IGM
DSTRB
CSTRB
CNB
IGM
DSTRB
CSTRB
CNB
IGM
DSTRB
CSTRB
CNB
IGM
DSTRB
CSTRB
12330E-33
In practice, all the AND gates are not required. Using the above equation for X we can
calculate a value of R1 for which X is less than 1 byte period at the appropriate fre-
quency of operation. Then if the number of receivers to be cascaded is greater than R1,
an AND gate is needed for every (R1+1)th Receiver in cascade. The other receivers can
be directly connected as shown in Figure 7-11.
Syncs in Auto-Repeat Configuration and Recovering from Errors
A Sync in Auto-Repeat Configuration acts much like a Sync in Normal Cascade mode. It
resets all the Receivers and their IGMs so the upstream (Primary) Receiver receives the
next non Sync byte of data. This remains as the method of recovering from byte framing
errors.
7.4 Unbalanced Configuration (Am7968/Am7969-125 Only)
In reality there is no difference in connection between balanced and Unbalanced
Configurations. The name only indicates that the number of Transmit bytes and the
number of Receive bytes are unequal.
The TAXI Receivers do not care how many data bytes the Transmitter is sending to
them. One data byte can be transmitted to several Receivers. The only limitation here is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com