Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 111 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 107Page - Advanced Micro Devices AM7969 Datasheet HTML 108Page - Advanced Micro Devices AM7969 Datasheet HTML 109Page - Advanced Micro Devices AM7969 Datasheet HTML 110Page - Advanced Micro Devices AM7969 Datasheet HTML 111Page - Advanced Micro Devices AM7969 Datasheet HTML 112Page - Advanced Micro Devices AM7969 Datasheet HTML 113Page - Advanced Micro Devices AM7969 Datasheet HTML 114Page - Advanced Micro Devices AM7969 Datasheet HTML 115Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 127 page
background image
AMD
107
TAXIchip Integrated Circuits Technical Manual
TAXI Technical Information Publication #89-12
Subject: TAXlchip Pins Internal Circuit
Question:
What do the TAXIchip I/O circuits look like?
Answer:
There are five different input circuits and two different output circuits in the TAXIchip set.
Each I/O circuit has Electro Static Discharge (ESD) protection circuit attached to it.
The five input types are: TTL Input, ECL Input, Three State Input (TSI), High Threshold
Input (HTI), and Oscillator (OSC).
The two output types are: TTL Output and ECL Output.
Each I/O circuit and the ESD circuit are shown on the following page. The following
table lists all Transmitter and Receiver pins and their I/O type.
Pin
Pin Name
I/O Type
Pin
Pin Name
I/O Type
1
ACK
TTL OUT
1
DO3
TTL OUT
2
STRB
TTL IN
2
DO2
TTL OUT
3
SEROUT+
ECL OUT
3
DO1
TTL OUT
4
SEROUT–
ECL OUT
4
DO0
TTL OUT
5VCC2
5 V
5
IGM
TTL OUT
6VCC1
5 V
6
RESET
HTI
7VCC3
5 V
7
VCC1
5 V
8
RESET
HTI
8
VCC2
5 V
9
DMS
TSI
9
SERIN+
ECL IN
10
CLS
TSI
10
SERIN–
ECL IN
11
SERIN
ECL IN
11
DMS
TSI
12
CI0
TTL IN
12
DSTRB
TTL OUT
13
CI1
TTL IN
13
CSTRB
TTL OUT
14
DI9/CI2
TTL IN
14
VLTN
TTL OUT
15
DI8/CI3
TTL IN
15
CO0
TTL OUT
16
DI7
TTL IN
16
CO1
TTL OUT
17
DI6
TTL IN
17
DO9/CO2
TTL OUT
18
CLK
TTL OUT
18
DO8/CO3
TTL OUT
19
X2
OSC
19
CLK
TTL OUT
20
X1
OSC
20
GND1
GND
21
GND2
GND
21
GND2
GND
22
GND1
GND
22
X1
OSC
23
DI0
TTL IN
23
X2
OSC
24
DI1
TTL IN
24
CNB
TTL IN
25
DI2
TTL IN
25
DO7
TTL OUT
26
DI3
TTL IN
26
DO6
TTL OUT
27
DI4
TTL IN
27
DO5
TTL OUT
28
DI5
TTL IN
28
DO4
TTL OUT
Transmitter
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com