Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAC7366 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
3. I
2CTM Bus
PAC7366 supports I2C bus transfer protocol and acts as slave device. The 7-bits unique slave address is
“1001000” or “1011101” and supports receiving / transmitting speed as maximum 400 kHz.
I
2C Bus Overview
Only two wires SDA ( serial data ) and SCL ( serial clock ) carry information between the
devices connected to the I2C bus. Normally both SDA and SCL lines are open collector
structure and pulled high by external pull-up resistors.
Only the master can initiates a transfer ( start ), generates clock signals, and terminates a
transfer ( stop ).
Start and stop condition : A high to low transition of the SDA line while SCL is high defines a
start condition. A low to high transition of the SDA line while SCL is high defines a stop
condition. Please refer to Figure 3.1.
Valid data : The data on the SDA line must be stable during the high period of the SCL clock.
Within each byte, MSB is always transferred first. Read / Write control bit is the LSB of the
first byte. Please refer to Figure 3.2.
Both the master and slave can transmit and receive data from the bus.
Acknowledge : The receiving device should pull down the SDA line during high period of the
SCL clock line when a complete byte was transferred by transmitter. In the case of a master
received data from a slave, the master does not generate an acknowledgment on the last byte
to indicate the end of a master read cycle.
Fig.3.1 Start and Stop conditions
Fig.3.2 Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com