Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
2
0x56 86 [4:0] R_EdgeRatio_Delta[4:0]
0x08
Increment when AE/AG state change
2
0x57 87 [4:0] R_EdgeRatio_LL[4:0]
0x04
Edge ratio @Low Light
2
0x58 88 [4:0] R_EdgeRatio_NL[4:0]
0x0a
Edge ratio @Normal Light
2
0x5a 90 [4:0] R_Edge_th_Delta[4:0]
0x08
Increment when AE/AG state change
2
0x5b 91 [7:0] R_Edge_th_LL[7:0]
0x0a
Edge threshold @ Low Light
2
0x5c 92 [7:0] R_Edge_th_NL[7:0]
0x08
Edge threshold @ Normal Light
2
0x5e 94 [4:0] R_Saturation_Delta[4:0]
0x01
Increment when AE/AG state change
2
0x5f 95 [4:0] R_Saturation_LL[4:0]
0x0b
Color Saturation @ Low Light
2
0x60 96 [4:0] R_Saturation_NL[4:0]
0x16
Color Saturation @ Normal Light
2
0x62 98 [4:0] R_Shading_CP_R_Delta[4:0]
0x02
Increment when AE/AG state change
2
0x63 99
[3:0] R_Shading_CP_R_NL[3:0]
0x0f
Shading compensation percentage @Normal Light
2
[7:4] R_Shading_CP_R_LL[3:0]
0x00
Shading compensation percentage @Low Light
2
0x64 100 [0] R_Contrast_En
0x01
Contrast Enable
2
0x69 105 [7:0] R_Brightness_LL[7:0]
0x00
Brightness @ Low Light
2
0x6a 106 [7:0] R_Brightness_NL[7:0]
0x00
Brightness @ Normal Light
2
0x9b 155 [1:0] R_ISP_WOI_HSize[9:8]
0x02
(ISP2_UpdateFlag=1, update )
2
0x9c 156 [7:0] R_ISP_WOI_HSize[7:0]
0x80
(ISP2_UpdateFlag=1, update )
2
0x9d 157 [1:0] R_ISP_WOI_VSize[9:8]
0x01
(ISP2_UpdateFlag=1, update )
2
0x9e 158 [7:0] R_ISP_WOI_VSize[7:0]
0xe0
(ISP2_UpdateFlag=1, update )
2
0x9f 159 [1:0] R_ISP_WOI_HOffset[9:8]
0x00
(ISP2_UpdateFlag=1, update )
2
0xa0 160 [7:0] R_ISP_WOI_HOffset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
2
0xa1 161 [1:0] R_ISP_WOI_VOffset[9:8]
0x00
(ISP2_UpdateFlag=1, update )
2
0xa2 162 [7:0] R_ISP_WOI_VOffset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
2
0xbf 191
[1] R_UV_Swap
0x00
U V Swap
2
[2] R_YC_Swap
0x01
Y C Swap
2
0xc0 192 [3:0] R_RGB565_mode[3:0]
0x00
RGB565_mode
2
0xc0 192 [5:4] R_Format_Sel
0x00
Output Data format select
0:YUV 1:RGB565 2:RGB555 3:RGB444
(ISP2_UpdateFlag=1, update )
2
0xc1 193 [0] R_Vsync_INV
0x01
Vsync inverse
2
0xc1 193 [1] R_Hsync_INV
0x01
Hsync inverse
2
0xc1 193 [2] R_Pxclk_INV
0x00
Pxclk inverse
3
0x02 2
[0] R_CCMASign[8]
0x00
ACCM Base matrix coefficient
3
0x03 3 [7:0] R_CCMASign[7:0]
0x33
ACCM Base matrix coefficient
3
0x04 4 [7:0] R_CCMA0_0[7:0]
0x2c
ACCM Base matrix coefficient
3
0x05 5 [7:0] R_CCMA0_1[7:0]
0x2c
ACCM Base matrix coefficient
3
0x06 6 [7:0] R_CCMA0_2[7:0]
0x28
ACCM Base matrix coefficient
3
0x07 7 [7:0] R_CCMA1_0[7:0]
0x0b
ACCM Base matrix coefficient
3
0x08 8 [7:0] R_CCMA1_1[7:0]
0x39
ACCM Base matrix coefficient
3
0x09 9 [7:0] R_CCMA1_2[7:0]
0x44
ACCM Base matrix coefficient
3
0x0a 10 [7:0] R_CCMA2_0[7:0]
0x40
ACCM Base matrix coefficient
3
0x0b 11 [7:0] R_CCMA2_1[7:0]
0x34
ACCM Base matrix coefficient
3
0x0c 12 [7:0] R_CCMA2_2[7:0]
0x0c
ACCM Base matrix coefficient
5
0x00 0
[0] r_TXF_En
0x0
0: ccir656 output from ISP
1: ccir656 output from TXF
6
0x00 0 [2:0] reg_tv_mode
0x0
NTSC_M=0; (pedestal on)
NTSC_J=1; (pedestal off)
PAL_M=2;
PAL_N=4; (pedestal on)
PAL_NC=5;
PAL_BDGHI=6; (pedestal off)
6
0x01 1
[0] reg_tv_e
0x0
1: TV Encoder Enable
7
0x00 0
[0] r_og_enable
0x1
enable signal of overlay generator
7
0x12 18
[0] r_layer_show_1
0x1
enable signal of layer 1
7
[1] r_layer_show_2
0x1
enable signal of layer 2
7
[2] r_layer_show_3
0x1
enable signal of layer 3
7
[3] r_layer_show_4
0x1
enable signal of layer 4
7
[4] r_layer_show_5
0x1
enable signal of layer 5 (number layer)
7
0x97 151 [7:0] r_Y_num_char[7:0]
0x00
Y value of word color in number layer
7
0x98 152 [7:0] r_Cb_num_char[7:0]
0x00
Cb value of word color in number layer
7
0x99 153 [7:0] r_Cr_num_char[7:0]
0x00
Cr value of word color in number layer
7
0x9a 154 [7:0] r_Y_num_back[7:0]
0x00
Y value of background color in number layer
7
0x9b 155 [7:0] r_Cb_num_back[7:0]
0x00
Cb value of background color in number layer
7
0x9c 156 [7:0] r_Cr_num_back[7:0]
0x00
Cr value of background color in number layer
7
0xc1 193 [7:0] r_number_char_2_1[7:0]
0x00
[3:0] : 1st number character, [7:4] : 2nd number character
7
0xc2 194 [7:0] r_number_char_4_37:0]
0x00
[3:0] : 3rd number character, [7:4] : 4th number character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com