Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAC7366 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
PAC7366 NTSC/PAL DIGITAL IMAGE SOC
General Description
The PAC7366 is a low voltage, highly integrated CMOS active-pixel digital image sensor. It provides high-quality
color image and has outputs of NTSC/PAL interlaced composite analog video and parallel digital format that is
embedded the new FinePixel™ sensor technology to perform the excellent image quality. It is available in
CLCC-48L package.
The PAC7366 can be programmed via I2CTM serial control bus or by an attached SPI or I2C flash memory at
startup. By programming the internal register set, it performs the exposure time for different luminance condition,
offset correction DAC, programmable gain control, and auto white balance.
Features
Output Format (analog composite video):
NTSC – 640x480 or 720x480
PAL – 768x576 or 720x576
Output Format (parallel digital):
YUV/YCrCb 4:2:2
RGB565/555/444
BT656
Bayer-RGB color filter array
On-chip 10-bit pipelined A/D converter
Integrated video encoder for NTSC/PAL
with overlay capability and DAC
On-chip manual analog gain control
I
2CTM Interface
Interface to EEPROM through I2C
TM bus
Interface to low cost Flash through SPI and
I
2C bus
Power consumption: operating typ. 300 mW
(full resolution @ 60fps)
ABC (Automatic Background
Compensation)
Black sun cancellation
DSP function:
AEC & AGC
AWB
Gamma
Color matrix
Sharpness
De-noise
Color saturation
Defect compensation
Lens shading compensation
Horizontal and vertical image flip
Zoom & windowing & sampling rate
OSD (4 + 1 layers)
PLL
GPIO(configuration IO : pedestal, mirror,
NTSC/PAL, SADDR, OSD on/off)
Key Specifications
Active Array Size:
640x480 when NTSC_640x480,
NTSC_720x480, PAL_720x576
768x576 when PAL_768x576
Optical format:
1/3” or 1/4” Lens for NTSC_640x480,
NTSC_720x480, PAL_720x576
1/3” Lens for PAL_768x576
Maximum Frame Rate:
NTSC: 60 fields per second
PAL: 50 fields per second
Pixel Size: 5.6um * 5.6um
Lens Chief Ray Angle: 0°~ 25°
Scan Mode: Progressive
Power Supply:
Analog: typ. 2.8V
Core: typ. 1.8V
I/O: 1.7V~3.3V
input clock: typ. 27Mhz
Pixel clock: 27Mhz
Output interface:
Analog composite video out, single-ended
or differential
8-bit parallel digital output
Sensitivity: 11500 mV/Lux-Sec
S/N Ratio: 45 dB
Dynamic range: 80 dB
Package: CLCC-48L, 10.00mm x 10.00mm,
0.7mm pitch


Similar Part No. - PAC7366

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7301 PIXART-PAC7301 Datasheet
792Kb / 24P
PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PAC7301LT PIXART-PAC7301LT Datasheet
792Kb / 24P
PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PAC7302LG PIXART-PAC7302LG Datasheet
792Kb / 24P
PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PAC7302LT PIXART-PAC7302LT Datasheet
792Kb / 24P
PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PAC7302PE PIXART-PAC7302PE Datasheet
792Kb / 24P
PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
More results

Similar Description - PAC7366

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9V135C12STC MICRON-MT9V135C12STC Datasheet
579Kb / 17P
1/4-Inch System-On-A-Chip (SOC) VGA NTSC/PAL CMOS Digital Image Sensor
logo
ON Semiconductor
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
MT9V136 ONSEMI-MT9V136 Datasheet
2Mb / 82P
Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. J Pub. 6/15 EN
MT9V137 ONSEMI-MT9V137 Datasheet
2Mb / 79P
Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. E Pub. 4/15 EN
MT9V138 ONSEMI-MT9V138 Datasheet
2Mb / 77P
Inch Color CMOS NTSC/PAL Digital Image SOC with Overlay Processor
Rev. D Pub. 5/15 E
ASX340AT ONSEMI-ASX340AT_16 Datasheet
1Mb / 54P
1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
October, 2016 ??Rev. 10
ASX340CS ONSEMI-ASX340CS Datasheet
2Mb / 74P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
Rev. F Pub. 6/15 EN
MT9V127 ONSEMI-MT9V127 Datasheet
2Mb / 82P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. G Pub. 5/15 EN
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
logo
List of Unclassifed Man...
ASX340 ETC2-ASX340 Datasheet
2Mb / 78P
1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com