Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAC7366 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
1. Pin Assignment
PAC7366
~TOP VIEW~
37. DOUT_LSB0
38. DOUT_LSB1
39. DOUT7
40. DOUT6
41. DOUT5
42. DOUT4
31. CONFIG_0
32. LINE_VALID
33. FRAME_VALID
34. PIXCLK
35. VSSD
36. VDDIO
12. RESET_N
11. SPI_CS_N
10. SDATA
9. SCLK
8. VDDD
7. SPI_SDO
18. DAC_REF
17. GND_DAC
16. SADDR
15. VDDD
14. VSSD
13. VDDIO
Fig.1.1 Package Pin Assignment
Pin No.
Name
Type
Description
1
VDDD
Power
Core voltage 1.8V
2
CONFIG_2
Input
Mode selection
3
CONFIG_3
Input
Mode selection
4
FLASH_IF_SEL
Input
0: SPI Flash
1: I2C EEPROM
Internal pull-down
5
SPI_SCLK
Output
Output clock for interfacing an external SPI/I2C memory
such as FLASH/EEPROM
6
SPI_SDI
Input/PU
Data in from SPI device. Internal pull-up.
7
SPI_SDO
Output
Data out to SPI device; SDA to I2C EEPROM
8
VDDD
Power
Core voltage 1.8V,
9
SCLK
Input
I2C clock
10
SDATA
Input/Output/OD I2C data, open drain type
11
SPI_CS_N
Output
Chip select to SPI device.
12
RESET_N
Input/PU
Reset signal, active low, internal pull high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com