Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
6
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
Data Transfer Format
Master transmits data to salve ( write cycle )
S : Start.
A : Acknowledge by salve.
P : Stop.
RW : The LSB of 1ST byte to decide whether current cycle is read or write cycle. RW = 1 –
Read cycle, RW = 0 – Write cycle.
SUBADDRESS : The address values of PAC7366 internal control registers. ( Please refer to
PAC7366 register description )
Fig.3.3 Master-transmitter transmits to slave-receiver
During write cycle, the master generates start condition and then places the 1st byte data that are
combined slave address ( 7 bits ) with a read / write control bit to SDA line. After slave ( PAC7366 )
issues acknowledgment, the master places 2nd and 3rd byte ( Sub Address ) data on SDA line. Again follow
the PAC7366 acknowledgment, the master places the 16 bits data on SDA line and transmit to PAC7366
control register ( address was assigned by 2nd and 3rd byte ). After PAC7366 issues acknowledgment, the
master can generate a stop condition to end of this write cycle. In the condition of multi-byte write, the
PAC7366 sub-address is automatically increment after each DATA byte transferred. The data and A cycles
is repeat until last byte write. Every control registers value inside PAC7366 can be programming via this
way.
Slave transmits data to master ( read cycle )
The sub-address was taken from previous write cycle.
The sub-address is automatically increment after each byte read.
Am : Acknowledge by master.
Note there is no acknowledgment from master after last byte read.
Fig.3.4 Slave-transmitter transmits to master-receiver
During read cycle, the master generates start condition and then place the 1st byte data that are combined
slave address ( 7 bits ) with a read / write control bit to SDA line. After issue acknowledgment, 16 bits
DATA was also placed on SDA line by PAC7366. The 16 bits data was read from PAC7366 internal
control register that address was assigned by previous write cycle. Follow the master acknowledgment,
the PAC7366 place the next 16 bits data ( address is increment automatically ) on SDA line and then
transmit to master serially. The DATA and Am cycles is repeat until the last byte read. After last byte read,
Am is no longer generated by master but instead by keep SDA line high. The slave ( PAC7366 ) must
releases SDA line to master to generate STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com