Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
6. Internal Block Diagram
PAC7366
Sensor
Image
Sensor
Processor
On Screen
Display
TV Encoder
DAC
Flash
SPI Interface
Top
Ctrl
Reg.
Bank
I2C Slave
uC
I2C Interface
SPI Master
4
2
I2C to SPI
Fig.6.1 Block Diagram
7. Digital Function
Mirror and Flip
PAC7366 provides mirror and flip modes. Mirror mode reverses the sensor data read-out order
horizontally, and flip mode provides reverses it vertically.
Bank
Address
Bits
Register Name
Default Value
Notes
Hex
Dec
1
0x22
34
[0]
Cmd_HFlip
0x0
Horizontal Flip,
0 : mirror off
1 : mirror on
1
0x25
37
[0]
Cmd_VFlip
0x0
Vertical Flip,
0 : flip off
1 : flip on
Original Image
Mirrored Image
Flipped Image
Mirrored and Flipped Image
Fig.7.1 Mirror and Flip Samples
Test Patterns generated from Image Sensor Processor, by programming a register
PAC7366 provides fixed test patterns generated by image sensor processor for test purposes. Test patterns
are accessible by programming a register.
Bank
Address
Bits
Register Name
Default Value
Notes
Hex
Dec
0
0x0C
12
[4:0] R_ISP_TestMod
0x00
ISP test mode data generation
Bit[4] : defect test pixel insertion
Bit[3:0] :
0:no test; 1:white; 2:black;
3:red; 4:green; 5:blue;
6:vertical&horizontal color bar
7:random data
8:vertical gray bar
9:horizontal gray bar
12-15: motion test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com