Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 17Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 18Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 19Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
16
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
10. Digital Gain
Digital gain x1, x2, x8.
Bank
Address
Bits
Register Name
Default Value
Notes
Hex
Dec
0
0xdf
223
[1:0] R_DG_manual_gain
0x00
0 : x1
1 : x2
2 : x8
11. NTSC / PAL Signal Parameters
NTSC : H_Timing
Test Item
Description
Pattern
Unit
L-Limit
H-Limit
Nominal
Measurement
H_Timing
Sync Rise Time
75% Color Bars
n sec
100.00
300.00
200.00
133.0
Sync Fall Time
n sec
100.00
300.00
200.00
131.0
Sync Width
u sec
4.50
4.90
4.70
4.7
Sync Level
IRE
37.90
42.00
39.95
40.9
Burst Level
IRE
35.00
43.40
39.20
38.0
Sync to Burst Start
u sec
5.20
5.40
5.30
5.4
Burst Width
cycles
8.50
9.50
9.00
9.0
Front Porch
u sec
0.50
2.50
1.50
1.5
Sync to SetUp
u sec
8.00
11.00
9.50
9.2
Line Frequency
Line Frequency
kHz
15.734
15.734
15.734
15.734
Field Frequency
Hz
59.94
59.94
59.94
59.94
PAL : H_Timing
Test Item
Description
Pattern
Unit
L-Limit
H-Limit
Nominal
Measurement
H_Timing
Sync Rise Time
75% Color Bars
n sec
100.00
300.00
200.00
139.00
Sync Fall Time
n sec
100.00
300.00
200.00
138.00
Sync Width
u sec
4.50
4.90
4.70
4.64
Sync Level
mV
288.00
315.00
301.50
303.40
Burst Level
mV
250.00
310.00
280.00
278.20
Sync to Burst Start
u sec
5.50
5.70
5.60
5.59
Burst Width
u sec
2.00
2.50
2.25
2.32
Line Frequency
Line Frequency
kHz
15.625
15.625
15.625
15.625
Field Frequency
Hz
50.00
50.00
50.00
50.00
Fig.11.1 H-Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com