Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 17Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 18Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 19Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
15
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
8. Sensor Pixel Array Structure
The active pixel array is 640 x 480 pixels for NTSC_TV, 768 x 576 pixels for PAL_TV. The active
border is for color interpolation, defect, denoise and edge enhancement.
Fig.8.1 Sensor Pixel Array
9. Auto Exposure Control and Auto Gain Control
Auto Exposure Control
Exposure time is manually set by registers when auto exposure control is off, instead it is controlled by
auto exposure time algorithm when auto exposure control is on.
Bank
Address
Bits
Register Name
Default Value
Notes
Hex
Dec
0
0x66
102
[4]
R_AE_EnH
1
0: Auto Exposure Control off
1: Auto Exposure Control on
Auto Gain Stage Upper Bound
Maximum gain is limited to upper bound.
Bank
Address
Bits
Register Name
Default Value
Notes
Hex
Dec
0
0x6D
109
[7:0] R_AG_stage_UB
0x96
48 : x16
64 : x32
80 : x64
96 : x128
Note : When AE is on.
Global gain control, Front gain control, Coase tuning global gain control
Analog gain x1~x32.
Bank
Address
Bits
Register Name
Default Value
Notes
Hex
Dec
1
0x08
08
[4:0]
Cmd_Global
0x00
1 + (Cmd_Global[4:0]/16)
1
0x09
09
[1:0]
Cmd_fgh
0x00
0 : x1
2 : x2
3 : x4
1
0x0A
10
[1:0]
Cmd_ggh
0x00
0 : x1
2 : x2
3 : x4
Note : When AE is off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com