Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 17Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 18Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 19Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 20Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 21Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 22Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
18
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
PAL : Composite Color Bar
Test Item
Description
Pattern
Unit
L-Limit
H-Limit
Nominal
Measurement
Composite
Color Bar_1
Luma Level
Gray
75% Color Bars
mV
472.5
577.5
525.0
529.8
Yellow
mV
419
512
465.5
470.5
Cyan
mV
331
405
368.0
370.1
Green
mV
277
339
308.0
308.2
Magenta
mV
195
234
217.0
219.2
Red
mV
141
173
157.0
158.3
Blue
mV
54
66
60.0
61.4
Black
mV
-10
10
0.0
-0.9
Chroma Level
Gray
mV
0.0
10.0
0.0
0.5
Yellow
mV
423
517
470.0
437.1
Cyan
mV
598
730
664.0
618.8
Green
mV
558
682
620.0
577.2
Magenta
mV
558
682
620.0
577.4
Red
mV
598
730
664.0
619.8
Blue
mV
423
517
470.0
438.9
Black
mV
0.0
10.0
0.0
0.4
Chroma Phase
Yellow
Deg
162
172
167.0
167.0
Cyan
Deg
278
288
283.0
283.4
Green
Deg
235
245
240.0
240.4
Magenta
Deg
55
65
60.0
60.6
Red
Deg
98
108
103.0
103.4
Blue
Deg
342
352
347.0
347.7
Sync Level
Black / Blank Level
White Level
43 IRE
21.43 IRE
21.43 IRE
100 IRE
4.43 Mhz
Color Burst
(9~11 Cycles)
Fig.11.3 PAL mode Color Bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com