Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAC7366 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
13
VDDIO
Power
IO voltage , 2.8V
14
VSSD
GND
Digital ground
15
VDDD
Power
Core voltage 1.8V
16
SADDR
Input
I2C device ID selection:
0 : 0x90
1: 0xBA
Internal pull-down
17
GND_DAC
GND
Video DAC ground
18
DAC_REF
Output
External reference resistor for the video DAC. The DAC
reference resistor should be 3.6 kOhm 1% for a 75 ohm
video output load
19
DAC_POS
Output
Positive video DAC output in differential mode, Video
DAC output in single-ended mode.
20
DAC_NEG
Output
Negative video DAC output in differential mode,
Connected a resistor to GND equal to the load resistor on
DAC_POS
21
VDD_DAC
Power
Supply for Video DAC , 2.8V
22
VSS_PLL
GND
PLL ground
23
VDD_PLL
Power
Supply for PLL , 2.8V
24
XTAL
Output
If XTAL is used, XTAL is served as XTAL_OUT,
otherwise it is NC
25
CLKIN
Input
Master clock input (27MHz) square or served as
XTAL_IN
26
VDDREF
Power
Regulator output (2.5V) for ADC VRT/VRB/VCM driver
27
VDDAY_
Power
2.5V regulator output
28
DVDD28
Power
Analog power : 2.8V
29
AGND
GND
Analog Ground
30
CONFIG_1
Input
Mode selection
31
CONFIG_0
Input
Mode selection
32
LINE_VALID
Input/Output
CVBS mode – shall pull-up or pull-down externally
Parallel output mode - Hsync
33
FRAME_VALID
Input/Output
CVBS mode – shall pull-up or pull-down externally
Parallel output mode - Vsync
34
PIXCLK
Output
pixel clock output
35
VSSD
GND
Digital ground
36
VDDIO
Power
IO voltage , 2.8V
37
DOUT_LSB0
Input/Output
CVBS mode – shall pull-up or pull-down externally
Parallel output mode - 10bit data mode, these two extra
bit make the {DOUT[7:0],DOUT_LSB1,DOUT_LSB0}
as a 10 bit data for each pixel
38
DOUT_LSB1
Input/Output
39
DOUT7
Output
pixel data output
40
DOUT6
Output
pixel data output
41
DOUT5
Output
pixel data output
42
DOUT4
Output
pixel data output
43
DOUT3
Output
pixel data output
44
DOUT2
Output
pixel data output
45
DOUT1
Output
pixel data output
46
DOUT0
Output
pixel data output
47
VDDIO
Power
IO voltage , 2.8V
48
VSSD
GND
Digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com