Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAC7366 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
2. Specifications
Absolute Maximum Ratings
Operating Temperature
-40℃ ~ 105℃
Ambient Storage Temperature
-40℃ ~ 125℃
Supply Voltage ( with respect to ground )
VDDA
4.5V
VDDD
3.0V
VDDIO
4.5V
All Input / Output Voltage ( with respect to ground )
-0.3V to VDDIO + 0.5V
Lead-free temperature, Surface-mount process
245℃
ESD rating, Human Body model
2000V
DC Electrical Characteristics ( Ta = 0℃ ~ 70℃ )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type : POWER
VDDA
DC supply voltage – Analog
2.66
2.8
2.94
V
VDDD
DC supply voltage – Digital core
1.71
1.8
1.89
V
VDDIO
DC supply voltage – I/O
1.7
2.8
3.3
V
IDDA
Operating Current – Analog
71
mA
IDDD
Operating Current – Digital
55
mA
Type : IN & I/O
VIH
Input Voltage HIGH
VDDIO
* 0.7
V
VIL
Input Voltage LOW
VDDIO
* 0.3
V
Type : OUT & I/O
VOH
Output Voltage HIGH
VDDIO
* 0.9
V
VOL
Output Voltage LOW
VDDIO
* 0.1
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
fsysclk
System clock frequency
27
MHz
tsysclk_dc
System clock duty cycle
45
55
%
Sensor Characteristics
Parameter
Typ.
Unit
Sensitivity
11500
mV/Lux-Sec
Signal to Noise Ratio
45
dB
Dynamic Range
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com