Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 17Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
Vertical&horizontal color bar
Random data
Vertical gray bar
Horizontal gray bar
Fig.7.2 Test Patterns from Image Sensor
Test Patterns generated from TV encoder, by programming a register
PAC7366 provides color bar test pattern generated by TV encoder for TV signal test purposes. Test
patterns are accessible by programming a register. Color bars of NTSC and PAL are built-in to support
hue and color saturation characterization and each consists of seven color bars (white, yellow, cyan, green,
magenta, red, and blue)
Bank
Address
Bits
Register Name
Default Value
Notes
Hex
Dec
6
0x11
17
[2]
reg_ccir656_src
0
0: CCIR656_SRC_Sensor
1: CCIR656_SRC_ColorBar
NTSC 100% color bar
PAL 100% color bar
Fig.7.3 Test Patterns from TV Encoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com