Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
0
0x93 147 [3:0] R_ImgEffectMode
0x00
Image Effect mode
0: monochrome
1: negative
2: x-ray
3: Sepia/Cold/Warm/Sunset
6: Solarize
10: Pixelate
(ISP_UpdateFlag=1, update )
0
0x94 148 [0] R_ISP_ImgEffect_En
0x00
(ISP_UpdateFlag=1, update )
0
0x97 151 [4] R_Shading_EnH
0x01
Lens shading enable
0
0x98 152 [4] R_VFLIP
0x00
Vertical flip
0
0x98 152 [5] R_HFLIP
0x00
Horizontal flip
0
0x99 153 [6:0] R_OffsetX_R[6:0]
0x00
Horizontal distances between shading center and sensor array center of
R-channel, MSB:sign bit, -63~+63
0
0x9a 154 [6:0] R_OffsetY_R[6:0]
0x00
Vertical distances between shading center and sensor array center of
R-channel, MSB:sign bit, -63~+63
0
0x9b 155 [6:0] R_OffsetX_G[6:0]
0x00
Horizontal distances between shading center and sensor array center of
G-channel, MSB:sign bit, -63~+63
0
0x9c 156 [6:0] R_OffsetY_G[6:0]
0x00
Vertical distances between shading center and sensor array center of
G-channel, MSB:sign bit, -63~+63
0
0x9d 157 [6:0] R_OffsetX_B[6:0]
0x00
Horizontal distances between shading center and sensor array center of
B-channel, MSB:sign bit, -63~+63
0
0x9e 158 [6:0] R_OffsetY_B[6:0]
0x00
Vertical distances between shading center and sensor array center of
B-channel, MSB:sign bit, -63~+63
0
0x9f 159 [5:0] R_LSC_R1[5:0]
0x00
Quartic parameter of R-channel
0
0xa0 160 [5:0] R_LSC_G1[5:0]
0x00
Quartic parameter of G-channel
0
0xa1 161 [5:0] R_LSC_B1[5:0]
0x00
Quartic parameter of B-channel
0
0xa2 162 [5:0] R_LSC_R2[5:0]
0x50
Square parameter of R-channel
0
0xa3 163 [5:0] R_LSC_G2[5:0]
0x50
Square parameter of G-channel
0
0xa4 164 [5:0] R_LSC_B2[5:0]
0x50
Square parameter of B-channel
0
0xa5 165 [2:0] R_LSFT_1[2:0]
0x04
Shift parameter of lens shading
0
0xa6 166 [1:0] R_LSFT_2[1:0]
0x00
Shift parameter of lens shading
0
0xa7 167 [1:0] R_LSFT_3[1:0]
0x01
Shift parameter of lens shading
0
0xa8 168 [1:0] R_LSFT_4[1:0]
0x01
Shift parameter of lens shading
0
0xcc 204 [7:0] DGn_R_vs[7:0]
0x00
R Digital Gain sync by vsync
0
0xcd 205 [0] DGn_R_vs[8]
0x00
R Digital Gain sync by vsync
0
0xce 206 [7:0] DGn_G_vs[7:0]
0x00
G Digital Gain sync by vsync
0
0xcf 207 [0] DGn_G_vs[8]
0x00
G Digital Gain sync by vsync
0
0xd0 208 [7:0] DGn_B_vs[7:0]
0x00
B Digital Gain sync by vsync
0
0xd1 209 [0] DGn_B_vs[8]
0x00
B Digital Gain sync by vsync
0
0xe0 224 [7:0] R_ISP_HSize[7:0]
0x80
ISP output Horizontal size(before skip function)
0
0xe1 225 [1:0] R_ISP_HSize[9:8]
0x02
ISP output Horizontal size(before skip function)
0
0xe2 226 [7:0] R_ISP_VSize[7:0]
0xe0
ISP output Vertical size(before skip function)
0
0xe3 227 [1:0] R_ISP_Vsize[9:8]
0x01
ISP output Vertical size(before skip function)
0
0xed 237 [0] ISP_Update
0x01
ISP_UpdateFlag
0
0xef 239 [2:0] R_RegBankSel
0x00
Register Bank Select
0: ISP1 Register Bank (default)
1: Sensor Register Bank
2: ISP2 Register Bank
1
0x01 1
[0] Cmd_Frame_Update_Flag
0x00
Frame Update Flag
1
0x08 8 [4:0] Cmd_Global
0x00
Global gain control signal
1
0x09 9 [1:0] Cmd_fgh
0x0
Front gain control signal ; fgh=0/2/3
1
0x0A 10 [1:0] Cmd_ggh
0x0
Coase tuning global gain control signal ; ggh=0/2/3
1
0x22 34 [0] Cmd_HFlip
0x0
Horizontal Flip
1
0x25 37 [0] Cmd_VFlip
0x0
Vertical Flip
2
0x08 8 [7:0] R_ImgEffect_Y_offset
0x00
Y offset in Imgage Effect Mode
2
0x09 9 [7:0] R_ImgEffect_U_offset
0x00
U offset in Imgage Effect Mode
2
0x0a 10 [7:0] R_ImgEffect_V_offset
0x00
V offset in Imgage Effect Mode
2
0x0b 11 [0] R_ISP_ImgEffect_1_En
0x00
Enable Y/U/V offset in Imgage Effect Mode
2
0x2a 42 [7] R_ISP_Edge_En0
0x01
ISP edge enhancement enable
2
0x2f 47 [4:0] R_AE_stage_LL[4:0]
0x13
(AE_stage >= R_AE_stage_LL) && (AG_stage >= R_AG_stage_LL)
=>Low Light
2
0x30 48 [4:0] R_AE_stage_NL[4:0]
0x11
(AE_stage <= R_AE_stage_NL) && (AG_stage <= R_AG_stage_NL)
=>Normal Light
2
0x32 50 [7:0] R_AG_stage_LL[7:0]
0x10
(AE_stage >= R_AE_stage_LL) && (AG_stage >= R_AG_stage_LL)
=>Low Light
2
0x33 51 [7:0] R_AG_stage_NL[7:0]
0x00
(AE_stage <= R_AE_stage_NL) && (AG_stage <= R_AG_stage_NL)
=>Normal Light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com