Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 17Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 18Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 19Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 20Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 21Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 22Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 23Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
22
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
Recommended Guideline for PCB Assembly
I.
ecommended vender and type for Pb-free solder paste
1
Almit LFM-48W TM-HP
2
Senju M705-GRN360-K
II.
IR Reflow Soldering Profile
Temperature profile is the most important control in reflow soldering. It must be fine tuned to establish a
robust process. The typical recommended IR reflow profile is showed in figure 8 below.
Fig.13.3 IR Reflow Profile
Reflow Profile
1. Average Ramp-up Rate (30°C to preheat zone): 1.5~ 2.5 Degree C/ Sec
2. Preheat zone:
2.1
Temp ramp from 170~ 200 degree C
2.2
Exposure time: 90 +/- 30 sec
3. Melting zone:
3.1
Melting area temp > 220 degree C for at least 30 ~ 50 sec
3.2
Peak temperature : 245 degree C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com