Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 17Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 18Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 19Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 20Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 21Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
17
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
NTSC : Composite Color Bar
Test Item
Description
Pattern
Unit
L-Limit
H-Limit
Nominal
Measurement
Composite
Color Bar_1
Luma Level
Gray
75% Color Bars
IRE
69.2
84.6
76.9
77.9
Yellow
IRE
62.1
75.9
69.0
70.2
Cyan
IRE
50.5
61.7
56.1
56.9
Green
IRE
43.4
53.0
48.2
48.8
Magenta
IRE
32.6
39.8
36.2
36.8
Red
IRE
25.4
31.0
28.2
28.6
Blue
IRE
13.9
16.9
15.4
15.8
Black
IRE
6.8
8.3
7.5
7.6
Chroma Level
Gray
IRE
0.0
1.4
0.0
0.1
Yellow
IRE
55.9
68.3
62.1
58.4
Cyan
IRE
78.9
96.5
87.7
82.7
Green
IRE
73.7
90.1
81.9
77.1
Magenta
IRE
73.7
90.1
81.9
77.1
Red
IRE
78.9
96.5
87.7
82.8
Blue
IRE
55.9
68.3
62.1
58.6
Black
IRE
0.0
1.4
0.0
0.1
Chroma Phase
Yellow
Deg
162.1
172.1
167.1
165.0
Cyan
Deg
278.5
288.5
283.5
282.0
Green
Deg
235.7
245.7
240.7
240.1
Magenta
Deg
55.7
65.7
60.7
59.2
Red
Deg
98.5
108.5
103.5
103.1
Blue
Deg
342.1
352.1
347.1
346.0
Fig.11.2 NTSC mode Color Bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com