Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7366 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAC7366
Description  NTSC/PAL DIGITAL IMAGE SOC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7366 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAC7366 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7366 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PAC7366
NTSC/PAL Digital Image SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.10
Dec. 2012
4. Register Table
Bank
Address
Bits
Register Name
Default
Value
Notes
Hex Dec
0
0x00 0 [7:0] PartID[15:8]
0x73
Part ID
0
0x01 1 [7:0] PartID[7:0]
0x66
Part ID
0
0x02 2 [3:0] VersionID[3:0]
0x00
VersionID
0
0x03 3 [3:0] SubID[3:0]
0x0a
SubID
0
0x0f 15 [7:0] R_AWB_Window_X[7:0]
0x90
AWB window width (by4)
0
0x11 17 [7:0] R_AWB_Window_Y[7:0]
0x64
AWB window height (by4)
0
0x19 25 [7:0] R_AWB_DGnR_LB_by2[7:0]
0x30
AWB digital gain lower bound for R
0
0x1a 26 [7:0] R_AWB_DGnR_UB_by2[7:0]
0x49
AWB digital gain upper bound for B
0
0x1b 27 [7:0] R_AWB_DGnB_LB_by2[7:0]
0x3a
AWB digital gain lower bound for B
0
0x1c 28 [7:0] R_AWB_DGnB_UB_by2[7:0]
0x78
AWB digital gain upper bound for R
0
0x1f 31 [4] R_DeNoiseEn
0x10
DeNoise Enable
0
0x20 32 [7:0] R_DeNoise_Str__G[7:0]
0x03
Denoise Strength (for color G)
0
0x23 35 [7:0] R_DeNoise_Str__RB[7:0]
0x04
Denoise Strength (for color R/B)
0
0x29 41 [0] R_ISP_Gamma_EnH
0x01
ISP gamma correction enable
0
0x2a 42 [7:0] R_ISP_Y00
0x0d
ISP Gamma Y0
0
0x2b 43 [7:0] R_ISP_Y01
0x19
ISP Gamma Y1
0
0x2c 44 [7:0] R_ISP_Y02
0x2f
ISP Gamma Y2
0
0x2d 45 [7:0] R_ISP_Y03
0x53
ISP Gamma Y3
0
0x2e 46 [7:0] R_ISP_Y04
0x62
ISP Gamma Y4
0
0x2f 47 [7:0] R_ISP_Y05
0x6f
ISP Gamma Y5
0
0x30 48 [7:0] R_ISP_Y06
0x7c
ISP Gamma Y6
0
0x31 49 [7:0] R_ISP_Y07
0x87
ISP Gamma Y7
0
0x32 50 [7:0] R_ISP_Y08
0x9a
ISP Gamma Y8
0
0x33 51 [7:0] R_ISP_Y09
0xaa
ISP Gamma Y9
0
0x34 52 [7:0] R_ISP_Y10
0xb8
ISP Gamma Y10
0
0x35 53 [7:0] R_ISP_Y11
0xc5
ISP Gamma Y11
0
0x36 54 [7:0] R_ISP_Y12
0xd8
ISP Gamma Y12
0
0x37 55 [7:0] R_ISP_Y13
0xe8
ISP Gamma Y13
0
0x38 56 [7:0] R_ISP_Y14
0xf5
ISP Gamma Y14
0
0x47 71 [1:0] R_AWB_Speed
0x34
AWB adjust speed. The more, the slower
0: 1 x
1: 1/2 x
2: 1/4 x
3: 1/8 x
0
0x49 73 [7:0] R_AWB_SumRatio_B
0x80
AWB B sum ratio = 128/X
0
0x4a 74 [7:0] R_AWB_SumRatio_R
0x80
AWB R sum ratio = 128/X
0
0x4d 77 [7:0] R_AWB_CbThdL[7:0]
0x64
AWB region test Cb Low threshold -128 ~ +127 (2's complement)
0
0x4e 78 [7:0] R_AWB_CrThdL[7:0]
0x87
AWB region test Cr Low threshold -128 ~ +127 (2's complement)
0
0x4f 79 [7:0] R_AWB_CbCrThdL[7:0]
0x00
AWB region test Cb+Cr Low threshold -128 ~ +127 (2's complement)
0
0x50 80 [7:0] R_AWB_CbThdH[7:0]
0x75
AWB region test Cb High threshold -128 ~ +127 (2's complement)
0
0x51 81 [7:0] R_AWB_CrThdH[7:0]
0x96
AWB region test Cr High threshold -128 ~ +127 (2's complement)
0
0x52 82 [7:0] R_AWB_CbCrThdH[7:0]
0xff
AWB region test Cb+Cr High threshold -128 ~ +127 (2's complement)
0
0x53 83 [7:0] R_Ylow
0x1e
Low bound of “light-pixel”Y in AWB
0
0x54 84 [7:0] R_Yhigh
0xff
High bound of “light-pixel”Y in AWB
0
0x63 99 [5] R_ISP_EnH
0x20
ISP enable
0
0x66 102 [4] R_AE_EnH
0x00
AE enable
0
0x6d 109 [7:0] R_AG_stage_UB
0x3f
AG_stage upper bound at max AE_stage
0
0x6f 111 [7:0] R_Ytar8bit
0x82
0~255, Target luminance of AE
0
0x72 114 [0] R_AWB_EnH
0x00
Auto-white balance enable
0
0x79 121 [7:0] R_ISP_HOffset[7:0]
0x19
ISP Hsize Offset
0
0x7b 123 [7:0] R_ISP_VOffset[7:0]
0x04
ISP Vsize Offset
0
0x81 129 [5:4] R_AE_Speed
0x00
AE speed, the more, the slower
0: 1 x
1: 1/2 x
2: 1/4 x
3: 1/8 x
0
0x8f 143 [7:0] R_ImgEffect_c0
0x00
Image Effect parameter 0
(ISP_UpdateFlag=1, update )
0
0x90 144 [7:0] R_ImgEffect_c1
0x00
Image Effect parameter 1
(ISP_UpdateFlag=1, update )
0
0x91 145 [7:0] R_ImgEffect_c2
0x00
Image Effect parameter 2
(ISP_UpdateFlag=1, update )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com