Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 74 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 74 Page - ams AG

Back Button AS3911 Datasheet HTML 70Page - ams AG AS3911 Datasheet HTML 71Page - ams AG AS3911 Datasheet HTML 72Page - ams AG AS3911 Datasheet HTML 73Page - ams AG AS3911 Datasheet HTML 74Page - ams AG AS3911 Datasheet HTML 75Page - ams AG AS3911 Datasheet HTML 76Page - ams AG AS3911 Datasheet HTML 77Page - ams AG AS3911 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 149 page
background image
AS3911 – 74
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Auxiliary Definition Register
Figure 56:
Auxiliary Definition Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
2. Receive without CRC is done automatically in case REQA and WUPA commands are sent using direct commands Transmits REQA
command and Transmits WUPA command, respectively, and in case anticollision is performed by setting bit antcl.
3. Automatic preset of the tr_am
4. 0: OOK ® ISO144443A, NFCIP-1 106 kb/s, NFC Forum Type 1 Tag
5. 1: AM ® ISO144443B, FeliCa, NFCIP-1 212 and 424 kb/s
Address 09h: Auxiliary Definition Register
Type: RW
Bit
Name
Default
Function
Comments
7no_crc_rx
0
1: Receive without CRC
Valid for all protocols, for
ISO14443A REQA, WUPA and
anticollision receive without CRC
is done automatically (2)
6crc_2_fifo
0
1: Make CRC check, but put
CRC bytes in FIFO and add
them to number of receive
bytes
Needed for EMV compliance
5tr_am
0
0: OOK, 1: AM
Set automatically by command
Analog Preset, can be modified
by register write, has to be
defined for transparent and bit
stream mode Tx (3)
4en_fd
0
1: Enable External Field
Detector
External Field Detector with Peer
Detection threshold is activated.
Preset for NFCIP-1 active
communication mode
3ook_hr
0
1: Puts RFO driver in
three-state during OOK
modulation
Valid for all protocols using OOK
modulation (also in Transparent
mode)
2rx_tol
1
1: BPSK fc/32: more tolerant
BPSK decoder for bit rate fc/32,
ISO14443A fc/128, NFCIP-1
fc/128: more tolerant
processing of first byte
1
nfc_n1
0
Definition on n for direct
commands NFC Initial Field ON
and NFC Response Field ON
0nfc_n0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com