Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 53 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 53 Page - ams AG

Back Button AS3911 Datasheet HTML 49Page - ams AG AS3911 Datasheet HTML 50Page - ams AG AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 53
Appl icatio n I n f o rm a t i o n
Figure 37:
Timing Parameters of NFC Field ON Commands
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Go to Normal NFC Mode
This command is used to transition from NFC target bit rate
detection mode to normal mode. Additionally it copies the
content of the NFCIP Bit Rate Detection Display Register to the
Bit Rate Definition Register and correctly sets the bit tr_am in
the Auxiliary Definition Register.
Analog Preset
This command is used to preset Receiver and Transmitter
configuration based on state of Bit Rate Definition Register and
Bit Rate Definition Register. Please note that no preset is done
in case Sub-carrier bits Stream or BPSK bit stream mode is
selected. The list of configuration bits that are preset is given
in Figure 38.
Figure 38:
Register Preset Bits
Symbol
Parameter
Value
Unit
Note
TIDT
Initial delay time
4096
/fc
NFC Initial Field ON
TRWF
RF waiting time
512
/fc
TIRFG
Initial guard time
>5
ms
NFC Initial Field ON
TADT
Active delay time
768
/fc
NFC Response Field ON
TARFG
Active guard time
1024
/fc
NFC Response Field ON
Bit
Bit Name
Function
Address 02h: Operation Control Register
5rx_chn
1: one channel enabled
→ NFCIP-1 active communication (both initiator and target)
3tx_en
0: disable TX operation
→ NFCIP-1 active communication (both initiator and target)
Note: In case of any target mode or NFCIP-1 initiator mode bit tx_en is set to 0 to disable transmitter in case it
was enabled. In NFCIP-1 mode the switching on of the transmitter field is controlled by dedicated
commands.
Address 05h: ISO14443A and NFC 106kb/s Settings Register
5
nfc_f0
1: Add SB (F0) and LEN byte during Tx and skip SB (F0) byte during TX
→ NFCIP-1 active
communication (both initiator and target)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com