Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 57 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 57 Page - ams AG

Back Button AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG AS3911 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 57
Appl icatio n I n f o rm a t i o n
IRQ due to termination of direct command is produced after
command execution is terminated.
Calibrate Antenna
Sending this command starts a sequence which adjusts the
parallel capacitances connected to TRIMx pins so that the
antenna LC tank is in resonance. See Antenna Tuning for details.
Duration time: 250 μs max.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Measure Phase
This command measures the phase difference between the
signals on the RFO outputs and the signals on the RFI inputs
and stores the result in the A/D Converter Output Register.
During execution of the direct command Measure Phase the
Transmitter and Phase Detector are enabled, the Phase
Detector output is multiplexed on the input of A/ D converter,
which is set in relative mode. Since the A/D converter range is
from 1/6 VSP_A to 5/6 VSP_A the actual phase detector range
is from 30º to 150º. Values below 30º result in FFh while values
above 150º result in 00h. 1 LSB of the A/D conversion output
represents 0.13% of carrier frequency period (0.468°). The result
of A/D conversion is in case of 90º phase shift in the middle of
range (1000 0000b or 0111 1111b). Value higher than 1000
0000b means that phase detector output voltage is higher than
VSP_A/2, which corresponds to case with phase shift lower than
90º. In the opposite case, when the phase shift is higher than
90º, the result of A/D conversion is lower than 0111 1111b. For
example, the phase difference of 135º depicted in Figure 18
results in 0.75 VSP_A, result stored in A/D converter is 31d (1Fh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com