Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 51 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 51 Page - ams AG

Back Button AS3911 Datasheet HTML 47Page - ams AG AS3911 Datasheet HTML 48Page - ams AG AS3911 Datasheet HTML 49Page - ams AG AS3911 Datasheet HTML 50Page - ams AG AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 51
Appl icatio n I n f o rm a t i o n
Clear
This direct command stops all current activities (transmission
or reception), clears FIFO, clears FIFO Status Registers and stops
all timers except Wake-up timer (in case bit nrt_emv in the
General Purpose and No-response Timer Control Register is set
to one, the No-response timer is not stopped). It also clears
collision and interrupt registers. This command has to be sent
first in a sequence preparing a transmission before writing data
to be transmitted in FIFO (except in case of direct commands
Transmit REQA and Transmit WUPA).
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Transmit Commands
All Transmit commands (Transmit With CRC, Transmit Without
CRC, Transmit REQA and Transmit WUPA) are only accepted in
case the Transmitter is enabled (bit tx_en is set).
Before sending commands Transmit With CRC and Transmit
Without CRC direct command Clear has to be sent, followed by
definition of number of transmitted bytes and writing data to
be transmitted in FIFO.
Direct commands Transmit REQA and Transmit WUPA are used
to transmit ISO14443A commands REQA and WUPA
respectively. Sending command Clear before these two
commands is not necessary.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
NFC Field ON Commands
These commands are used to perform the RF collision
avoidance and switch the field on in case no collision was
detected. The Collision avoidance threshold defined in the
External Field Detector Threshold Register is used to observe
the RF_IN inputs and to determine whether there is some other
device, which is emitting the 13.56 MHz field, present close to
the AS3911 antenna. In case collision is not detected the reader
field is switched on automatically (bit tx_en in the Operation
Control Register is set) and an IRQ with I_cat flag in Timer and
NFC Interrupt Register is sent after minimum guard time
defined by the NFCIP-1 standard to inform the controller that
message transmission using a Transmit command can be
initiated.
In case a presence of external field is detected an IRQ with I_cac
flag is sent. In such case a transmission cannot be performed,
NFC Field ON command has to be repeated as long as collision
is not detected any more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com