Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 60 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 60 Page - ams AG

Back Button AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG AS3911 Datasheet HTML 61Page - ams AG AS3911 Datasheet HTML 62Page - ams AG AS3911 Datasheet HTML 63Page - ams AG AS3911 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 149 page
background image
AS3911 – 60
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Figure 39:
Register Description
Address[hex]
Content
Comment
Type
IO Configuration Registers
00
IO Configuration Register 1
Set to default state only at
power-up
RW
01
IO Configuration Register 2
RW
Operation Control and Mode Definition Registers
02
Operation Control Register
Set to default state only at
power-up
RW
03
Mode Definition Register
04
Bit Rate Definition Register
RW
Configuration Registers
05
ISO14443A and NFC 106kb/s Settings
Register
RW
06
ISO14443B Settings Register 1
RW
07
ISO14443B and FeliCa Settings Register
RW
08
Stream Mode Definition Register
RW
09
Auxiliary Definition Register
RW
0A
Receiver Configuration Register 1
RW
0B
Receiver Configuration Register 2
RW
0C
Receiver Configuration Register 3
RW
0D
Receiver Configuration Register 4
RW
Timer Definition Registers
0E
Mask Receive Timer Register
RW
0F
No-response Timer Register 1
RW
10
No-response Timer Register 2
RW
11
General Purpose and No-response Timer
Control Register
RW
12
General Purpose Timer Register 1
RW
13
General Purpose Timer Register 2
RW
Interrupt and Associated Reporting Registers
14
Mask Main Interrupt Register
RW
15
Mask Timer and NFC Interrupt Register
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com