Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 97 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 97 Page - ams AG

Back Button AS3911 Datasheet HTML 93Page - ams AG AS3911 Datasheet HTML 94Page - ams AG AS3911 Datasheet HTML 95Page - ams AG AS3911 Datasheet HTML 96Page - ams AG AS3911 Datasheet HTML 97Page - ams AG AS3911 Datasheet HTML 98Page - ams AG AS3911 Datasheet HTML 99Page - ams AG AS3911 Datasheet HTML 100Page - ams AG AS3911 Datasheet HTML 101Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 97
Appl icatio n I n f o rm a t i o n
RFO Normal Level Definition Register
Figure 87:
RFO Normal Level Definition Register
Note:
Default setting is set at power-up and after Set Default command.
External Field Detector Threshold Register
Figure 88:
External Field Detector Threshold Register
Note:
Default setting is set at power-up and after Set Default command.
Address 27h: RFO Normal Level Definition Register
Type: RW
Bit
Name
Default
Function
Comments
7
droff7
0
MSB
Antenna drivers are composed of 8
binary weighted segments. Setting
a bit droff to 1 will disable
corresponding segment during
normal non-modulated operation.
6droff6
0
5droff5
0
4droff4
0
3droff3
0
2droff2
0
1droff1
0
0droff0
0
LSB
Address 29h: External Field Detector Threshold Register
Type: RW
Bit
Name
Default
Function
Comments
7Not used
6
trg_l2
0
Peer Detection Threshold MSB
Peer Detection Threshold.
Refer to Peer Detection
Threshold as seen on RFI1
Input.
5trg_l1
1
4
trg_l0
1
Peer Detection Threshold LSB
3
rfe_t3
0
Collision Avoidance Threshold MSB
Collision Avoidance Threshold.
Refer to Collision Avoidance
Threshold as seen on RFI1
Input.
2rfe_t2
0
1rfe_t1
1
0
rfe_t0
1
Collision Avoidance Threshold LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com