Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 11 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 11 Page - ams AG

Back Button AS3911 Datasheet HTML 7Page - ams AG AS3911 Datasheet HTML 8Page - ams AG AS3911 Datasheet HTML 9Page - ams AG AS3911 Datasheet HTML 10Page - ams AG AS3911 Datasheet HTML 11Page - ams AG AS3911 Datasheet HTML 12Page - ams AG AS3911 Datasheet HTML 13Page - ams AG AS3911 Datasheet HTML 14Page - ams AG AS3911 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 11
El ec trical Charac t e ristics
RRFO
RFO1 and RFO2
driver output
resistance
0.6
1.8
Ω
IRFO = 10 mA
The following measurement procedure
which cancels resistance of
measurement setup is used:
• All driver segments are switched
on, resistance is measured,
• All driver segments except the
MSB segment are switched on,
resistance is measured,
• Difference between the two
measurements is resistance of
MSB segment,
• Resistance of MSB segment
divided by two is the value of
RRFO.
VRFI
RFI input
sensitivity
0.5
mVrms
fSUB=848 kHz, AM channel with peak
detector input stage selected.
RRFI
RFI input
resistance
10
15
k
Ω
VPOR
Power on Reset
voltage
1.2
1.65
2.0
V
VAGD
AGD voltage
1.4
1.5
1.6
V
Register 00h set to 0Fh (no clock on
MCU_CLK), register 01h set to C0h (3V
supply mode, disable VSP_D), register
02h set to 80h, register 03h set to 08h,
other registers in default state, short
VSP_A and VSP_D.
VREG
Regulated
voltage
2.85
3.0
3.15
V
Manual regulator mode, regulated
voltage set to 3.0V, measured on pin
VSP_RF: register 00h set to 0Fh, register
01h set to 80h (3V supply mode),
register 02h set to E8h (one channel Rx,
enable Tx), register 2Ah set to D8h.
TOSC
Oscillator start-up
time
0.7
ms
13.56MHz or 27.12MHz crystal
RS = 50 Ω max, load capacitance
according to crystal specification, IRQ is
issued once the oscillator frequency is
stable.
Symbol
Parameter
Min
Typ
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com