Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 55 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 55 Page - ams AG

Back Button AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 55
Appl icatio n I n f o rm a t i o n
The direct command Unmask Receive Data is enabling normal
processing of the received data (signal rx_on is set high to
enable the RSSI and AGC operation), the receive data framing
block is enabled. A common use of this command is to enable
again the receiver operation after it was masked by the
command Mask Receive Data. In case Mask Receive Timer is
running while command Unmask Receive Data is received,
reception is enabled, Mask Receive Timer is reset.
The commands Mask Receive Data and Unmask Receive Data
are only accepted when the Receiver is enabled (bit rx_en is set).
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Measure Amplitude
This command measures the amplitude on the RFI inputs and
stores result in the A/D Converter Output Register.
When this command is executed the Transmitter and Amplitude
Detector are enabled, the output of the Amplitude Detector is
multiplexed to the A/D Converter input (the A/D Converter is
in absolute mode). The Amplitude Detector conversion gain is
0.6 VINPP/ VOUT. One LSB of the A/D converter output represents
13.02 mVpp on the RFI inputs. A 3 Vpp signal, which is maximum
allowed level on each of the two RFI inputs, results in 1.8 V
output DC voltage and would produce a value of 1110 0110b
on the A/D converter output.
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after
command execution is terminated.
Squelch
This direct command is intended to avoid demodulation
problems of transponders which produce a lot of noise during
data processing. It can also be used in a noisy environment. The
operation of this command is explained in “Squelch” on
page 22.
Duration time: 500 μs max.
This command is only accepted when the Transmitter and the
Receiver are operating. Command is actually executed only in
case signal rx_on is low.
Direct command chaining is not possible.
IRQ due to termination of direct command is not produced.
Reset Rx Gain
This command initializes the AGC, Squelch and RSSI block.
Sending this command stops a squelch process in case it is
going on, clears the current Squelch setting and loads the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com