Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 23 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 23 Page - ams AG

Back Button AS3911 Datasheet HTML 19Page - ams AG AS3911 Datasheet HTML 20Page - ams AG AS3911 Datasheet HTML 21Page - ams AG AS3911 Datasheet HTML 22Page - ams AG AS3911 Datasheet HTML 23Page - ams AG AS3911 Datasheet HTML 24Page - ams AG AS3911 Datasheet HTML 25Page - ams AG AS3911 Datasheet HTML 26Page - ams AG AS3911 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 23
Appl icatio n I n f o rm a t i o n
Gain.
There are two possibilities of performing squelch: automatic
mode and using direct command Squelch.
• Automatic mode is started in case bit sqm_dyn in the
Receiver Configuration Register 2 is set. It is activated
automatically 18.88 μs after end of Tx and is terminated
with Mask Receive timer expire. This mode is primarily
intended to suppress noise generated by tag processing
during the time when the tag response is not expected
(covered by Mask Receive timer).
• Command Squelch is accepted in case it is sent when
signal rx_on is low. It can be used in case the time window
in which noise is present is known by the controller.
AGC
AGC (automatic gain control) is used to reduce gain to keep
receiver chain out of saturation. In case gain is properly
adjusted the demodulation process is also less influenced by
system noise.
AGC action starts when signal rx_on is asserted high and is reset
when it is reset to low. At low to high transitions of the rx_on
the state of the receiver gain is stored in the Gain Reduction
State Register, therefore reading this register later gives the
information of the gain setting used during last reception.
When AGC is switched on receiver gain is reduced so that the
input to digitizer stage is not saturated. The AGC system
comprises a window comparator which has its window 3.5 times
larger than window of digitalization window comparator. When
the AGC function is enabled gain is reduced until there are no
transitions on its output. Such procedure assures that the input
to digitalization window comparator is less than 3.5 times larger
than its window.
AGC operation is controlled by the control bits agc_en, agc_m
and agc_fast in the Receiver Configuration Register 2. Bit
agc_en enables the AGC operation; bit agc_m defines the AGC
mode while bit agc_alg define the AGC algorithm.
Two AGC modes are available, AGC can operate during
complete Rx process (as long as signal rx_on is high) or it can
be enabled only during first eight sub-carrier pulses.
Two AGC algorithms are available; AGC can either start by
presetting of code 4h (max digitizer window, max gain) or by
resetting the code to 0h (min digitizer window, max gain).
Algorithm with preset code is faster, therefore it is
recommended for protocols with short SOF (like ISO14443A
fc/128).
Default AGC settings are: AGC is enabled, AGC operates during
complete Rx process, algorithm with preset is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com