Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 36 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 36 Page - ams AG

Back Button AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 149 page
background image
AS3911 – 36
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
supply mode the adjustment range is from 2.4V to 3.4V
with steps of 100mV. Default regulated voltage is the
maximum one (5.1V and 3.4V in case of 5V and 3.3V supply
mode respectively).
• Regulator and Timer Display Register is a read only register
which displays actual regulated voltage when regulator is
operating. It is especially useful in case of automatic mode,
since the actual regulated voltage, which is result of direct
command Adjust Regulators, can be observed.
The VSP_RF regulator also includes a current limiter which limits
the regulator current to 300mArms in normal operation (500mA
in case of short). In case the Transmitter output current higher
the 300mArms is required VSP_RF regulator cannot be used to
supply the Transmitter, VSP_RF has to be externally connected
to VDD (connection of VSP_RF to supply voltage higher than VDD
is not allowed).
The voltage drop of the Transmitter current is the main source
of the AS3911 power dissipation. This voltage drop is composed
of drop in the Transmitter driver and in the drop on VSP_RF
regulator. Due to this it is recommended to set regulated
voltage using direct command Adjust Regulators. It results in
good power supply rejection ration with relatively low
dissipated power due to regulator voltage drop.
In Power-down mode the VSP_RF regulator is not operating.
VSP_RF pin is connected to VDD through 1 kΩ resistor.
Connection through resistors assures smooth power-up of the
system and a smooth transition from Power-down mode to
other operating modes.
VSP_A and VSP_D Regulators
VSP_A and VSP_D regulators are used to supply the AS3911
analog and digital blocks respectively. In 3.3 V mode, VSP_A and
VSP_D regulator are set to the same regulated voltage as the
VSP_RF regulator, in 5 V mode VSP_A and VSP_D regulated
voltage is fixed to 3.4 V.
The use of VSP_A and VSP_D regulators is obligatory in 5 V mode
since analog and digital blocks supplied with these two pins
contain low voltage transistors which support maximum supply
voltage of 3.6 V. In 3.3 supply mode the use of regulators is
strongly recommended in order to improve PSRR of analog
processing.
For low cost applications it is possible to disable the VSP_D
regulator and to supply digital blocks through external short
between VSP_A and VSP_D (configuration bit vspd_off in the IO
Configuration Register 2). In case VSD_D regulator is disabled
VSP_D can alternatively be supplied from VDD (in 3.3 V mode
only) in case VSP_A is not more than 300mV lower than VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com