Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 56 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 56 Page - ams AG

Back Button AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 149 page
background image
AS3911 – 56
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
manual gain reduction from Receiver Configuration Register 4.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Adjust Regulators
When this command is sent the power supply level of VDD is
measured in maximum load conditions and the regulated
voltage reference is set 250 mV below this measured level to
assure maximum possible stable regulated supply (See “Power
Supply System” on page 34.). Using this command increases the
system PSSR.
At the beginning of execution of this command, both the
receiver and transmitter are switched on to have the maximum
current consumption, the regulators are set to the maximum
regulated voltage (5.1 V in case of 5 V supply and 3.4 V in case
of 3.3 V supply mode). After 300 μs VSP_RF is compared to VDD,
in case VSP_RF is not at least 250 mV lower the regulator setting
is reduced for one step (120 mV in case of 5 V supply and 100
mV in case of 3.3 V supply mode) and measurement is done after
next 300 μs. Procedure is repeated until VSP_RF drops at least
250 mV below VDD or until minimum regulated voltage (3.9 V
in case of 5 V supply and 2.4 V in case of 3.3 V supply mode) is
reached.
Duration time: 5 ms max.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
This command is not accepted in case the external definition
of the regulated voltage is selected in the Regulator Voltage
Control Register (bit reg_s is set to H)
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after
command execution is terminated.
Calibrate Modulation Depth
Starts a patent pending sequence, which activates the
transmission, measures the modulation depth and adapts it to
comply with the modulation depth specified in the AM
Modulation Depth Control Register. When calibration
procedure is finished result is displayed in the AM Modulation
Depth Display Register. Please refer to See “AM Modulation
Depth: Definition and Calibration” on page 132. for details
about setting the AM modulation depth and running this
command.
Duration time: 275μs max.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com