Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 21 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 21 Page - ams AG

Back Button AS3911 Datasheet HTML 17Page - ams AG AS3911 Datasheet HTML 18Page - ams AG AS3911 Datasheet HTML 19Page - ams AG AS3911 Datasheet HTML 20Page - ams AG AS3911 Datasheet HTML 21Page - ams AG AS3911 Datasheet HTML 22Page - ams AG AS3911 Datasheet HTML 23Page - ams AG AS3911 Datasheet HTML 24Page - ams AG AS3911 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 21
Appl icatio n I n f o rm a t i o n
Figure 14:
First and Third Stage Zero Setting
Figure 15 provides information on the recommended filter
settings. For all supported operation modes and receive bit
rates there is an automatic preset defined, additionally some
alternatives are listed. Automatic preset is done by sending
direct command Analog Preset. There is no automatic preset for
Steam and Transparent modes. Since selection of filter
characteristics also modifies gain, the gain range for different
filter settings is also listed.
Figure 15:
Receiver Filter Selection and Gain Range
rec1<2> h200
rec1<1> h80
rec1<0> z12k
First Stage
Zero
Third Stage
Zero
0
0
0
60 kHz
400 kHz
1
0
0
60 kHz
200 kHz
010
40 kHz
80 kHz
0
0
1
12 kHz
200 kHz
011
12 kHz
80 kHz
1
0
1
12 kHz
200 kHz
Other
Not used
Gain [dB]
Comment
000
0
0
0
43.4
28
26.4
11
49.8
Automatic preset for ISO14443A fc/128
and NFC Forum Type 1 Tag
000
1
0
0
44
29
27.5
12
49.7
Automatic preset for ISO14443B fc/128
ISO14443 fc/64
001
1
0
0
44.3
29
27
11.7
49.8
Recommended for 424/484 kHz
sub-carrier
000
0
1
0
41.1
25.8
23.6
8.3
46.8
Alternative choice for ISO14443 fc/32 and
fc/16
100
0
1
0
32
17
17.2
2
37.6
Automatic preset for ISO14443 fc/32 and
fc/16
Alternative choice for fc/8 (1.7 kb/s)
100
0
0
0
32
17
17.2
2
37.6
Alternative choice for fc/8 (1.7 kb/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com