Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 25 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 25 Page - ams AG

Back Button AS3911 Datasheet HTML 21Page - ams AG AS3911 Datasheet HTML 22Page - ams AG AS3911 Datasheet HTML 23Page - ams AG AS3911 Datasheet HTML 24Page - ams AG AS3911 Datasheet HTML 25Page - ams AG AS3911 Datasheet HTML 26Page - ams AG AS3911 Datasheet HTML 27Page - ams AG AS3911 Datasheet HTML 28Page - ams AG AS3911 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 25
Appl icatio n I n f o rm a t i o n
put voltage, which is linearly proportional to the capacitance
between the excitation and sensing electrode. The output DC
voltage is converted by an AD converter in absolute mode. Re-
sult is stored in the A/D Converter Output Register (see also A/D
Converter).
Figure 16:
Capacitive Sensor Block Diagram
Any conductive object (human hand or tag's antenna windings)
approaching the two electrodes changes the capacitance
between the excitation and sensing electrode as it 'shortens'
the distance between the two by providing conductance on the
part of the path between the two electrodes.
Capacitance measurement is started by sending direct
command Measure Capacitance. The AS3911 can also be
configured to periodically wake-up and perform the
capacitance measurement. The result is compared to a stored
reference or to an average of previous measurements and in
case the difference is greater than a predefined value an IRQ is
triggered to wake-up the controller (see also Wake-up Mode).
Capacitor sensor gain can be adjusted by setting in Capacitive
Sensor Control Register. Default gain is 2.8V/pF typ., maximum
gain is 6.5V/pF typ. Since LSB of AD converter corresponds to
approximately 7.8mV, the default gain results in sensitivity of
2.8 fF/LSB (1.2 fF/LSB maximum).
Capacitance measurement duration is 200 μs, current
consumption during measurement is 1.1 mA typ. In case
capacitive measurement is performed every 100 ms in Wake-up
mode the resulting typical average consumption is 5.8μA
(3.6μA is standby consumption in Wake-up mode).
A/D
Converter
Synchronous
Rectifier
Oscillator
CSO
CSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com