Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 61 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 61 Page - ams AG

Back Button AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG AS3911 Datasheet HTML 61Page - ams AG AS3911 Datasheet HTML 62Page - ams AG AS3911 Datasheet HTML 63Page - ams AG AS3911 Datasheet HTML 64Page - ams AG AS3911 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 61
Appl icatio n I n f o rm a t i o n
16
Mask Error and Wake-up Interrupt Register
RW
17
Main Interrupt Register
R
18
Timer and NFC Interrupt Register
R
19
Error and Wake-up Interrupt Register
R
1A
FIFO Status Register 1
R
1B
FIFO Status Register 2
R
1C
Collision Display Register
R
Definition of Number of Transmitted Bytes
1D
Number of Transmitted Bytes Register 1
RW
1E
Number of Transmitted Bytes Register 2
RW
NFCIP Bit Rate Detection Display Register
1F
NFCIP Bit Rate Detection Display Register
R
A/D Converter Output Register
20
A/D Converter Output Register
R
Antenna Calibration Registers
21
Antenna Calibration Control Register
RW
22
Antenna Calibration Target Register
RW
23
Antenna Calibration Display Register
R
AM Modulation Depth and Antenna Driver Registers
24
AM Modulation Depth Control Register
RW
25
AM Modulation Depth Display Register
R
26
RFO AM Modulated Level Definition
Register
RW
27
RFO Normal Level Definition Register
RW
External Field Detector Threshold Registers
29
External Field Detector Threshold Register
RW
Regulator Registers
2A
Regulator Voltage Control Register
RW
2B
Regulator and Timer Display Register
R
Address[hex]
Content
Comment
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com