Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 34 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 34 Page - ams AG

Back Button AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 149 page
background image
AS3911 – 34
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
is useful to detect the moment when the peer NFC device (it
can be either an initiator or a target) has stopped emitting an
RF field.
The External Field Detector is automatically enabled in the low
power Peer Detection mode when NFCIP-1 mode (initiator or
target) is selected in the Bit Rate Definition Register.
Additionally it can be enabled by setting bit en_fd in the
Auxiliary Definition Register.
Collision Avoidance Threshold
This threshold is used during the RF Collision Avoidance
sequence which is executed by sending NFC Field ON
commands (see “NFC Field ON Commands” on page 51). It can
be selected in the range from 25 mVpp to 800 mVpp.
Power Supply System
The AS3911 features two positive supply pins, VDD and VDD_IO.
VDD is the main power supply pin. It supplies the AS3911 blocks
through three regulators (VDD_A, VDD_D and VDD_RF). VDD range
from 2.4 to 5.5V is supported.
VDD_IO is used to define supply level for digital communication
pins (/SS, MISO, MOSI, SCLK, IRQ, MCU_CLK). Digital
communication pins interface to the AS3911 logic through level
shifters, therefore the internal supply voltage can be either
higher or lower than VDD_IO. VDD_IO range from 1.65V to 5.5V is
supported.
Figure 19 shows the building blocks of the AS3911 power
supply system. It contains three regulators, a power-down
support block, a block generating analog reference voltage
(AGD) and a block performing automatic power supply
adjustment procedure. The three regulators are providing
supply to analog blocks (VSP_A), logic (VSP_D) and transmitter
(VSP_RF). The use of VSP_A and VSP_D regulators is mandatory
at 5V power supply to provide regulated voltage to analog and
logic blocks which only use 3.3V devices. The use of VSP_A and
VSP_D regulators at 3V supply and VSP_RF regulator at any
supply voltage is recommended to improve system PSRR.
Regulated voltage can be adjusted automatically to have
maximum possible regulated voltage while still having good
PSRR. All regulator pins also have corresponding negative
supply pins which are externally connected to ground potential
(VSS). The reason for separation is in decoupling of noise
induced by voltage drops on the internal power supply lines.
Figure 10 and Figure 11 depict typical AS3911 application
schematics with all regulators used. All regulator pins and AGD
voltage are buffered with pairs of ceramic and electrolyte. For
regulators recommended blocking capacitors values can be
found in the table below are 2.2μF in parallel with 10nF, for pin
AGD 1μF in parallel with 10nF is suggested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com