Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 54 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 54 Page - ams AG

Back Button AS3911 Datasheet HTML 50Page - ams AG AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 149 page
background image
AS3911 – 54
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Mask Receive Data and Unmask Receive Data
After the direct command Mask Receive Data the signal rx_on,
which enables the RSSI and AGC operation of the Receiver (see
also Receiver) is forced to low, processing of the receiver output
by the receive data framing block is disabled. This command is
useful to mask receiver and receive framing from processing
the data when there is actually no input and only a noise would
be processed (for example in case where a transponder
processing time after receiving a command from the reader is
long). Masking of receive is also possible using Mask Receive
Timer. Actual masking is a logical or of the two mask receive
processes.
Address 09h: Auxiliary Definition Register
5tr_am
Tx Modulation type (depends on mode definition and Tx bit rate)
0: OOK
→ ISO144443A, NFCIP-1 106 kb/s (both initiator and target), NFC Forum Type 1
Tag
1: AM
→ ISO144443B, FeliCa, NFCIP-1 212 kb/s and 424 kb/s
4en_fd
Enable External Field Detector with Peer Detection threshold
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
Address 0Ah: Receiver Configuration Register 1
7ch_sel
0: Enable AM channel
→ NFCIP-1 active communication (both initiator and target)
6amd_sel
AM demodulator select (depend on Rx bit rate)
0: Peak detector
→ All Rx bit rates equal or below fc/16 (848 kb/s)
1: Mixer
→ All VHBR Rx bit rates (fc/8 and fc/4)
5lp2
Low pass control (depends on mode definition and Rx bit rate)
(see Figure 15)
4lp1
3lp0
2h200
First and third stage zero setting (depends on mode definition and Rx bit rate)
(see Figure 15)
1h80
0z12k
Address 0Ch: Receiver Configuration Register 3
1lim
Clip output of 1st and 2nd stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
0rg_nfc
Forces gain reduction in 2nd and 3rd gain stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
Bit
Bit Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com