Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
17
8715C–SFLSH–1/2013
AT25DF081A
9.
Protection Commands and Features
9.1
Write Enable
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status Register to a logical “1”
state. The WEL bit must be set before a Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lock-
down, Freeze Sector Lockdown State, Program OTP Security Register, or Write Status Register command can be
executed. This makes the issuance of these commands a two step process, thereby reducing the chances of a
command being accidentally or erroneously executed. If the WEL bit in the Status Register is not set prior to the
issuance of one of these commands, then the command will not be executed.
To issue the Write Enable command, the CS pin must first be asserted and the opcode of 06h must be clocked into
the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be
ignored. When the CS pin is deasserted, the WEL bit in the Status Register will be set to a logical “1”. The com-
plete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted
on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and the state of the
WEL bit will not change.
Figure 9-1.
Write Enable
SCK
CS
SI
SO
MSB
23
1
0
00000110
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com