Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
22
8715C–SFLSH–1/2013
AT25DF081A
Essentially, if the SPRL bit of the Status Register is in the logical “0” state (Sector Protection Registers are not
locked), then writing a 00h to the first byte of the Status Register will perform a Global Unprotect without changing
the state of the SPRL bit. Similarly, writing a 7Fh to the first byte of the Status Register will perform a Global Protect
and keep the SPRL bit in the logical “0” state. The SPRL bit can, of course, be changed to a logical “1” by writing an
FFh if software-locking or hardware-locking is desired along with the Global Protect.
If the desire is to only change the SPRL bit without performing a Global Protect or Global Unprotect, then the sys-
tem can simply write a 0Fh to the first byte of the Status Register to change the SPRL bit from a logical “1” to a
logical “0” provided the WP pin is deasserted. Likewise, the system can write an F0h to change the SPRL bit from
a logical “0” to a logical “1” without affecting the current sector protection status (no changes will be made to the
Sector Protection Registers).
When writing to the first byte of the Status Register, bits five, four, three, and two will not actually be modified but
will be decoded by the device for the purposes of the Global Protect and Global Unprotect functions. Only bit
seven, the SPRL bit, will actually be modified. Therefore, when reading the first byte of the Status Register, bits
five, four, three, and two will not reflect the values written to them but will instead indicate the status of the WP pin
and the sector protection status. Please refer to “Read Status Register” on page 31 and Table 11-1 on page 31 for
details on the Status Register format and what values can be read for bits five, four, three, and two.
11
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
No change to the current protection level. All sectors currently protected will remain
protected, and all sectors currently unprotected will remain unprotected.
The Sector Protection Registers are soft-locked and cannot be changed when the
current state of SPRL is 1. Therefore, a Global Protect/Unprotect will not occur.
However, the SPRL bit can be changed back to a 0 from a 1 since the WP pin is
HIGH. To perform a Global Protect/Unprotect, the Write Status Register command
must be issued again after the SPRL bit has been changed from a 1 to a 0.
0
0
0
0
0
1
1
1
1
1
Table 9-2.
Valid SPRL and Global Protect/Unprotect Conditions (Continued)
WP
State
Current
SPRL
Value
New Write Status
Register Byte 1
Data
Protection Operation
New
SPRL
Value
Bit
7 6 5 4 3 2 1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com