Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
45
8715C–SFLSH–1/2013
AT25DF081A
14.6 Program and Erase Characteristics
Notes: 1. Maximum values indicate worst-case performance after 100,000 erase/program cycles
2. Not 100% tested (value guaranteed by design and characterization)
14.7 Power-up Conditions
14.8 Input Test Waveforms and Measurement Levels
14.9 Output Test Load
Symbol
Parameter
Min
Typ
Max
Units
tPP(1)
Page Program Time (256-Bytes)
1.0
3.0
ms
tBP
Byte Program Time
7
μs
tBLKE(1)
Block Erase Time
4-Kbytes
50
200
ms
32-Kbytes
250
600
64-Kbytes
400
950
tCHPE(1)(2)
Chip Erase Time
16
28
sec
tOTPP(1)
OTP Security Register Program Time
200
500
μs
tWRSR(2)
Write Status Register Time
200
ns
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
100
μs
tPUW
Power-up Device Delay Before Program or Erase Allowed
10
ms
VPOR
Power-on Reset Voltage
1.5
2.5
V
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2 ns (10% to 90%)
DEVICE
UNDER
TEST
15pF (frequencies above 70MHz)
or
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com