Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT25DF081A Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
4
8715C–SFLSH–1/2013
AT25DF081A
3.
Block Diagram
Figure 3-1.
Block Diagram
VCC
DEVICE POWER SUPPLY: The VCC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages may produce spurious results and should not be
attempted.
-
Power
GND
GROUND: The ground reference for the power supply. GND should be connected to the
system ground.
-
Power
Table 2-1.
Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type
Figure 2-1.
8-SOIC (Top View)
Figure 2-2.
8-UDFN (Top View)
CS
SO (SOI)
WP
GND
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI (SIO)
CS
SO (SOI)
WP
GND
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI (SIO)
FLASH
MEMORY
ARRAY
Y-GATING
CS
SCK
SO (SOI)
SI (SIO)
Y-DECODER
X-DECODER
I/O BUFFERS
AND LATCHES
CONTROL AND
PROTECTION LOGIC
SRAM
DATA BUFFER
WP
INTERFACE
CONTROL
AND
LOGIC
HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com