Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
20
8715C–SFLSH–1/2013
AT25DF081A
9.4
Unprotect Sector
Issuing the Unprotect Sector command to a particular sector address will reset the corresponding Sector Protec-
tion Register to the logical “0” state (see Table 9-1 for Sector Protection Register values). Every physical sector of
the device has a corresponding single-bit Sector Protection Register that is used to control the software protection
of a sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status Register to a logical “1”. To issue the Unprotect Sector command, the CS
pin must first be asserted and the opcode of 39h must be clocked into the device. After the opcode has been
clocked in, the three address bytes designating any address within the sector to be unprotected must be clocked
in. Any additional data clocked into the device after the address bytes will be ignored. When the CS pin is deas-
serted, the Sector Protection Register corresponding to the sector addressed by A23-A0 will be reset to the logical
“0” state, and the sector itself will be unprotected. In addition, the WEL bit in the Status Register will be reset back
to the logical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the opera-
tion, the state of the Sector Protection Register will be unchanged, and the WEL bit in the Status Register will be
reset to a logical “0”.
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Protection Registers
can themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the Status
Register (please refer to the Status Register description for more details). If the Sector Protection Registers are
locked, then any attempts to issue the Unprotect Sector command will be ignored, and the device will reset the
WEL bit in the Status Register back to a logical “0” and return to the idle state once the CS pin has been
deasserted.
Figure 9-4.
Unprotect Sector
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111001
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com