Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT25DF081A Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5
8715C–SFLSH–1/2013
AT25DF081A
4.
Memory Array
To provide the greatest flexibility, the memory array of the AT25DF081A can be erased in four levels of granularity
including a full chip erase. In addition, the array has been divided into physical sectors of uniform size, of which
each sector can be individually protected from program and erase operations. The size of the physical sectors is
optimized for both code and data storage applications, allowing both code and data segments to reside in their own
isolated regions. The Memory Architecture Diagram illustrates the breakdown of each erase level as well as the
breakdown of each physical sector.
Figure 4-1.
Memory Architecture Diagram
Internal Sectoring for
64KB
32KB
4KB
1-256 Byte
Sector Protection
Block Erase
Block Erase
Block Erase
Page Program
Function
(D8h Command)
(52h Command)
(20h Command)
(02h Command)
4KB
0FFFFFh – 0FF000h
256 Bytes
0FFFFFh – 0FFF00h
4KB
0FEFFFh – 0FE000h
256 Bytes
0FFEFFh – 0FFE00h
4KB
0FDFFFh – 0FD000h
256 Bytes
0FFDFFh – 0FFD00h
4KB
0FCFFFh – 0FC000h
256 Bytes
0FFCFFh – 0FFC00h
4KB
0FBFFFh – 0FB000h
256 Bytes
0FFBFFh – 0FFB00h
4KB
0FAFFFh – 0FA000h
256 Bytes
0FFAFFh – 0FFA00h
4KB
0F9FFFh – 0F9000h
256 Bytes
0FF9FFh – 0FF900h
4KB
0F8FFFh – 0F8000h
256 Bytes
0FF8FFh – 0FF800h
4KB
0F7FFFh – 0F7000h
256 Bytes
0FF7FFh – 0FF700h
4KB
0F6FFFh – 0F6000h
256 Bytes
0FF6FFh – 0FF600h
4KB
0F5FFFh – 0F5000h
256 Bytes
0FF5FFh – 0FF500h
4KB
0F4FFFh – 0F4000h
256 Bytes
0FF4FFh – 0FF400h
4KB
0F3FFFh – 0F3000h
256 Bytes
0FF3FFh – 0FF300h
4KB
0F2FFFh – 0F2000h
256 Bytes
0FF2FFh – 0FF200h
4KB
0F1FFFh – 0F1000h
256 Bytes
0FF1FFh – 0FF100h
4KB
0F0FFFh – 0F0000h
256 Bytes
0FF0FFh – 0FF000h
4KB
0EFFFFh – 0EF000h
256 Bytes
0FEFFFh – 0FEF00h
4KB
0EEFFFh – 0EE000h
256 Bytes
0FEEFFh – 0FEE00h
4KB
0EDFFFh – 0ED000h
256 Bytes
0FEDFFh – 0FED00h
4KB
0ECFFFh – 0EC000h
256 Bytes
0FECFFh – 0FEC00h
4KB
0EBFFFh – 0EB000h
256 Bytes
0FEBFFh – 0FEB00h
4KB
0EAFFFh – 0EA000h
256 Bytes
0FEAFFh – 0FEA00h
4KB
0E9FFFh – 0E9000h
256 Bytes
0FE9FFh – 0FE900h
4KB
0E8FFFh – 0E8000h
256 Bytes
0FE8FFh – 0FE800h
4KB
0E7FFFh – 0E7000h
4KB
0E6FFFh – 0E6000h
4KB
0E5FFFh – 0E5000h
4KB
0E4FFFh – 0E4000h
256 Bytes
0017FFh – 001700h
4KB
0E3FFFh – 0E3000h
256 Bytes
0016FFh – 001600h
4KB
0E2FFFh – 0E2000h
256 Bytes
0015FFh – 001500h
4KB
0E1FFFh – 0E1000h
256 Bytes
0014FFh – 001400h
4KB
0E0FFFh – 0E0000h
256 Bytes
0013FFh – 001300h
256 Bytes
0012FFh – 001200h
256 Bytes
0011FFh – 001100h
256 Bytes
0010FFh – 001000h
4KB
00FFFFh – 00F000h
256 Bytes
000FFFh – 000F00h
4KB
00EFFFh – 00E000h
256 Bytes
000EFFh – 000E00h
4KB
00DFFFh – 00D000h
256 Bytes
000DFFh – 000D00h
4KB
00CFFFh – 00C000h
256 Bytes
000CFFh – 000C00h
4KB
00BFFFh – 00B000h
256 Bytes
000BFFh – 000B00h
4KB
00AFFFh – 00A000h
256 Bytes
000AFFh – 000A00h
4KB
009FFFh – 009000h
256 Bytes
0009FFh – 000900h
4KB
008FFFh – 008000h
256 Bytes
0008FFh – 000800h
4KB
007FFFh – 007000h
256 Bytes
0007FFh – 000700h
4KB
006FFFh – 006000h
256 Bytes
0006FFh – 000600h
4KB
005FFFh – 005000h
256 Bytes
0005FFh – 000500h
4KB
004FFFh – 004000h
256 Bytes
0004FFh – 000400h
4KB
003FFFh – 003000h
256 Bytes
0003FFh – 000300h
4KB
002FFFh – 002000h
256 Bytes
0002FFh – 000200h
4KB
001FFFh – 001000h
256 Bytes
0001FFh – 000100h
4KB
000FFFh – 000000h
256 Bytes
0000FFh – 000000h
64KB
Block Erase Detail
Page Program Detail
Page Address
Block Address
32KB
32KB
64KB
(Sector 0)
Range
Range
32KB
32KB
64KB
(Sector 15)
64KB
32KB
32KB
64KB
(Sector 14)
64KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com