Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
26
8715C–SFLSH–1/2013
AT25DF081A
Figure 10-1. Sector Lockdown
10.2 Freeze Sector Lockdown State
The current sector lockdown state can be permanently frozen so that no further modifications to the Sector Lock-
down Registers can be made; therefore, the Sector Lockdown command will be permanently disabled, and no
additional sectors can be locked down aside from those already locked down. Any attempts to issue the Sector
Lockdown command after the sector lockdown state has been frozen will be ignored.
Before the Freeze Sector Lockdown State command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a logical “1”. In addition, the Sector Lockdown
Enabled (SLE) bit in the Status Register must have also been previously set to the logical “1” state. To issue the
Freeze Sector Lockdown State command, the CS pin must first be asserted and the opcode of 34h must be
clocked into the device followed by three command specific address bytes of 55AA40h. After the three address
bytes have been clocked in, a confirmation byte of D0h must be clocked in immediately following the three address
bytes. Any additional data clocked into the device will be ignored. When the CS pin is deasserted, the current sec-
tor lockdown state will be permanently frozen within a time of tLOCK. In addition, the WEL bit in the Status Register
will be reset back to the logical “0” state, and the SLE bit will be permanently reset to a logical “0” to indicate that
the Sector Lockdown command is permanently disabled.
The complete and correct three address bytes and the confirmation byte must be clocked into the device before the
CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits); other-
wise, the device will abort the operation. When the device aborts the Freeze Sector Lockdown State operation, the
WEL bit in the Status Register will be reset to a logical “0”; however, the state of the SLE bit will be unchanged.
Figure 10-2. Freeze Sector Lockdown State
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110011
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
1101000
0
ADDRESS BITS A23-A0
CONFIRMATION BYTE IN
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110100
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
01
000
0
MSB
1101000
0
ADDRESS BITS A23-A0
CONFIRMATION BYTE IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com