Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT25DF081A Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Features
• Single 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
– Supports RapidS™ Operation
– Supports Dual-Input Program and Dual-Output Read
• Very High Operating Frequencies
– 100MHz for RapidS
– 85MHz for SPI
– Clock-to-Output (tV) of 5ns Maximum
• Flexible, Optimized Erase Architecture for Code + Data Storage Applications
– Uniform 4-Kbyte Block Erase
– Uniform 32-Kbyte Block Erase
– Uniform 64-Kbyte Block Erase
– Full Chip Erase
• Individual Sector Protection with Global Protect/Unprotect Feature
– 16 Sectors of 64-Kbytes Each
• Hardware Controlled Locking of Protected Sectors via WP Pin
• Sector Lockdown
– Make Any Combination of 64-Kbyte Sectors Permanently Read-Only
• 128-Byte Programmable OTP Security Register
• Flexible Programming
– Byte/Page Program (1- to 256-Bytes)
• Fast Program and Erase Times
– 1.0ms Typical Page Program (256 Bytes) Time
– 50ms Typical 4-Kbyte Block Erase Time
– 250ms Typical 32-Kbyte Block Erase Time
– 400ms Typical 64-Kbyte Block Erase Time
• Automatic Checking and Reporting of Erase/Program Failures
• Software Controlled Reset
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
– 5mA Active Read Current (Typical at 20MHz)
–5μA Deep Power-Down Current (Typical)
• Endurance: 100,000 Program/Erase Cycles
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (150-mil and 208-mil wide)
– 8-pad Ultra Thin DFN (5 x 6 x 0.6mm)
8-Mbit
2.7V Minimum
SPI Serial Flash
Memory
AT25DF081A
8715C–SFLSH–1/2013


Similar Part No. - AT25DF081A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF081A ATMEL-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
ATMEL Corporation
AT25DF081A-MH-B ATMEL-AT25DF081A-MH-B Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A-MH-T ATMEL-AT25DF081A-MH-T Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
More results

Similar Description - AT25DF081A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF081A ATMEL-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
AT25DF641A DIALOG-AT25DF641A Datasheet
869Kb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com