Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
48
8715C–SFLSH–1/2013
AT25DF081A
16.
Ordering Information
16.1 Code Detail Detail
16.2 Green Package Options (Pb/Halide-free/RoHS Compliant)
Note:
The shipping carrier option code is not marked on the devices.
Designator
Product Family
Device Density
Interface
Shipping Carrier Option
Device Grade
Package Option
1 = Serial
8 = 8-megabit
B = Bulk (tubes)
Y = Bulk (trays)
T = Tape and reel
H = Green, NiPdAu lead finish, industrial
temperature range (-40°C to +85°C)
SS = 8-lead, 0.150" wide SOIC
S
= 8-lead, 0.208" wide SOIC
M
= 8-pad, 5 x 6 x 0.6mm UDFN
A T25DF081A-SSH-B
Ordering Code
Package
Lead (Pad) Finish
Operating Voltage
Max. Freq. (MHz)
Operation Range
AT25DF081A-MH-Y
AT25DF081A-MH-T
8MA1
NiPdAu
2.7V to 3.6V
100
Industrial
(-40°C to +85°C)
AT25DF081A-SSH-B
AT25DF081A-SSH-T
8S1
AT25DF081A-SH-B
AT25DF081A-SH-T
8S2
Package Type
8MA1
8-pad (5 x 6 x 0.6 mm Body), Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead Package (UDFN)
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.208” Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com