Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
34
8715C–SFLSH–1/2013
AT25DF081A
11.1.7 SLE Bit
The SLE bit is used to enable and disable the Sector Lockdown and Freeze Sector Lockdown State commands.
When the SLE bit is in the logical “0” state (the default state after power-up), the Sector Lockdown and Freeze Sec-
tor Lockdown commands are disabled. If the Sector Lockdown and Freeze Sector Lockdown commands are
disabled, then any attempts to issue the commands will be ignored. This provides a safeguard for these commands
against accidental or erroneous execution. When the SLE bit is in the logical “1” state, the Sector Lockdown and
Freeze Sector Lockdown State commands are enabled.
Unlike the WEL bit, the SLE bit does not automatically reset after certain device operations. Therefore, once set,
the SLE bit will remain in the logical “1” state until it is modified using the Write Status Register Byte 2 command or
until the device has been power cycled. The Reset command has no effect on the SLE bit.
If the Freeze Sector Lockdown State command has been issued, then the SLE bit will be permanently reset in the
logical “0” state to indicate that the Sector Lockdown command has been disabled.
11.1.8 RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in prog-
ress. To poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data must
be continually clocked out of the device until the state of the RDY/BSY bit changes from a logical “1” to a logical “0”.
Figure 11-1. Read Status Register
SCK
CS
SI
SO
MSB
23
1
0
00000101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
28 29
27
26
25
30
OPCODE
MSB
MSB
DDDDDD
D
D
D
D
MSB
DDDDD
D
D
D
DD
D
D
D
D
STATUS REGISTER
BYTE 1
STATUS REGISTER
BYTE 1
STATUS REGISTER
BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com