Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
36
8715C–SFLSH–1/2013
AT25DF081A
11.3 Write Status Register Byte 2
The Write Status Register Byte 2 command is used to modify the RSTE and SLE bits of the Status Register. Using
the Write Status Register Byte 2 command is the only way to modify the RSTE and SLE bits in the Status Register
during normal device operation, and the SLE bit can only be modified if the sector lockdown state has not been fro-
zen. Before the Write Status Register Byte 2 command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register Byte 2 command, the CS pin must first be asserted and the opcode of 31h must
be clocked into the device followed by one byte of data. The one byte of data consists of three don’t care bits, the
RSTE bit value, the SLE bit value, and three additional don’t care bits (see Table 11-4). Any additional data bytes
that are sent to the device will be ignored. When the CS pin is deasserted, the RSTE and SLE bits in the Status
Register will be modified, and the WEL bit in the Status Register will be reset back to a logical “0”. The SLE bit will
only be modified if the Freeze Sector Lockdown State command has not been previously issued.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation,
the state of the RSTE and SLE bits will not change, and the WEL bit in the Status Register will be reset back to the
logical “0” state.
Figure 11-3. Write Status Register Byte 2
Table 11-4.
Write Status Register Byte 2 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
RSTE
SLE
X
X
X
SCK
CS
SI
SO
MSB
23
1
0
0011000
67
5
4
OPCODE
10 11
9
814 15
13
12
1
MSB
XXX
D
D
X
X
X
STATUS REGISTER IN
BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com